Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D Datasheet(PDF) 16 Page - Keysight Technologies

Part # 86115D
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 16 Page - Keysight Technologies

Back Button 86115D Datasheet HTML 12Page - Keysight Technologies 86115D Datasheet HTML 13Page - Keysight Technologies 86115D Datasheet HTML 14Page - Keysight Technologies 86115D Datasheet HTML 15Page - Keysight Technologies 86115D Datasheet HTML 16Page - Keysight Technologies 86115D Datasheet HTML 17Page - Keysight Technologies 86115D Datasheet HTML 18Page - Keysight Technologies 86115D Datasheet HTML 19Page - Keysight Technologies 86115D Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Single-mode optical/electrical
High bandwidth single-mode optical/electrical modules
86116C
Option 025
86116C
Option 041
Optical channel specifications
Optical channel unfiltered bandwidth
45 GHz
65 GHz
Wavelength range
1300 to 1620 nm 3
Calibrated wavelengths
1300 nm/1550 nm
Optical sensitivity 2
1310 nm
–9 dBm (17 Gb/s)
–3 dBm (39.8/43.0 Gb/s)
–8 dBm (25.8 Gb/s)
–7 dBm (27.7 Gb/s)
1550 nm
–10 dBm (17 Gb/s)
–5 dBm (39.8/43.0 Gb/s)
–9 dBm (25.8 Gb/s)
–8 dBm (27.7 Gb/s)
Transition time (10 to 90% calculated
from Tr = 0.48/BW optical)
7.4 ps (FWHM) 1
RMS noise
Characteristic
1310 nm
13 μW (17 Gb/s)
54 μW (39.8/43.0 Gb/s)
17 μW (25.8 Gb/s)
75 μW (55 GHz)
20 μW (27.7 Gb/s)
105 μW (60 GHz)
60 μW (40 GHz)
187 μW (65 GHz)
1550 nm
10 μW (17 Gb/s)
36 μW (39.8/43.0 Gb/s)
12 μW (25.87 Gb/s)
50 μW (55 GHz)
14 μW (27.7 Gb/s)
70 μW (60 GHz)
40 μW (40 GHz)
125 μW (65 GHz)
Maximum
1310 nm
18 μW (17 Gb/s)
102 μW (39.8/43.0 Gb/s)
20 μW (25.8 Gb/s)
127 μW (55 GHz)
30 μW (27.7 Gb/s)
225 μW (60 GHz)
120 μW (40 GHz)
300 μW (65 GHz)
1550 nm
15 μW (17 Gb/s)
68 μW (39.8/43.0 Gb/s)
18 μW (25.8 Gb/s)
85 μW (55 GHz)
21 μW (27.7 Gb/s)
150 μW (60 GHz)
80 μW (40 GHz)
200 μW (65 GHz)
1. FWHM (full width half max) as measured from optical pulse with 700 fs FWHM, 5 MHz repetition rate and 10 mW peak power.
2. Generally represents the power level where an ideal eye diagram will approach 0% mask margin due to noise of the oscilloscope. Provides a non-specified
figure of merit to compare sensitivities of various optical channels.
3. Contact Keysight for broader wavelength specifications.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com