Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D Datasheet(PDF) 18 Page - Keysight Technologies

Part # 86115D
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 18 Page - Keysight Technologies

Back Button 86115D Datasheet HTML 14Page - Keysight Technologies 86115D Datasheet HTML 15Page - Keysight Technologies 86115D Datasheet HTML 16Page - Keysight Technologies 86115D Datasheet HTML 17Page - Keysight Technologies 86115D Datasheet HTML 18Page - Keysight Technologies 86115D Datasheet HTML 19Page - Keysight Technologies 86115D Datasheet HTML 20Page - Keysight Technologies 86115D Datasheet HTML 21Page - Keysight Technologies 86115D Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Dual electrical
Dual electrical channel modules
86112A
54754A
Electrical channel bandwidth
12.4 and 20 GHz (30 GHz 1)
12.4 and 18 GHz
Transition time (10 to 90% calculated from
TR = 0.35/BW)
28.2 ps (12.4 GHz)
28.2 ps (12.4 GHz)
17.5 ps (20 GHz)
19.4 ps (18 GHz)
RMS noise
Characteristic
0.25 mV (12.4 GHz)
0.25 mV (12.4 GHz)
0.5 mV (20 GHz)
0.5 mV (18 GHz)
Maximum
0.5 mv (12.4 GHz)
0.5 mv (12.4 GHz)
1 mV (20 GHz)
1 mV (18 GHz)
Scale factor (per division)
Minimum
1 mV/division
Maximum
100 mV/division
DC accuracy (single marker)
± 0.4% of full scale
± 0.4% of full scale
± 2 mV ± 1.5% of (reading-channel offset)
± 2 mV ± 0.6% of (reading-channel offset)
(12.4 GHz) ± 0.4% of full scale
(12.4 GHz) ± 0.4% of full scale or marker reading
(whichever is greater)
± 2 mV ± 3% of (reading-channel offset) (20 GHz)
± 2 mV ± 1.2% of (reading-channel offset)
(18 GHz)
DC offset range (referenced from center of
screen)
± 500 mV
Input dynamic range (relative to channel offset)
± 400 mV
Maximum input signal
± 2 V (+16 dBm)
Nominal impedance
50 Ω
Reflections (for 30 ps rise time)
5%
Electrical input
3.5 mm (male)
Dual electrical channel modules
86118A
Electrical channel bandwidth
50 and 70 GHz
Transition time (10 to 90% calculated
from TR = 0.35/BW)
11.7 ps (30 GHz)
7 ps (50 GHz)
RMS noise
Characteristic
0.7 mV (50 GHz)
1.3 mV (70 GHz)
Maximum
1.8 mv (50 GHz)
2.5 mV (70 GHz)
Scale factor (per division)
Minimum
1 mV/division
Maximum
100 mV/division
DC accuracy (single marker)
± 0.4% of full scale
± 2 mV ± 2% of (reading-channel offset), (50 GHz)
± 0.4% of full scale
± 2 mV ± 4% of (reading-channel offset), (70 GHz)
DC offset range (referenced from center of
screen)
± 500 mV
Input dynamic range (relative to channel offset)
± 400 mV
Maximum input signal
± 2 V (+16 dBm)
Nominal impedance
50 Ω
Reflections (for 30 ps rise time)
20%
Electrical input
1.85 mm (male)
1. A special option, 86112-HBW, extends the bandwidth from 20 to 30 GHz. All other specifications remain unchanged.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com