Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D-IRC Datasheet(PDF) 7 Page - Keysight Technologies

Part # 86115D-IRC
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D-IRC Datasheet(HTML) 7 Page - Keysight Technologies

Back Button 86115D-IRC Datasheet HTML 3Page - Keysight Technologies 86115D-IRC Datasheet HTML 4Page - Keysight Technologies 86115D-IRC Datasheet HTML 5Page - Keysight Technologies 86115D-IRC Datasheet HTML 6Page - Keysight Technologies 86115D-IRC Datasheet HTML 7Page - Keysight Technologies 86115D-IRC Datasheet HTML 8Page - Keysight Technologies 86115D-IRC Datasheet HTML 9Page - Keysight Technologies 86115D-IRC Datasheet HTML 10Page - Keysight Technologies 86115D-IRC Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
07 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Computer system and storage
Computer system and storage
CPU
Intel Core i5 3550S CPU at 3.0 GHz
Mass storage
80 GB internal hard drive (default) or 80 GB removable hard drive (Option 090)
Operating system
Microsoft Windows 7 embedded standard (64 bit)
Display 1
Display area
210.4 mm x 157.8 mm (10.4 inch diagonal color active matrix LCD module incorporating amorphous silicon TFTs)
Entire display resolution
1024 pixels horizontally x 768 pixels vertically
Waveform colors
Select from over 16 colors; user may change color assignment of all traces (channels, waveform memory and
signal processing functions)
Persistence modes
Gray scale, color grade, variable, infinite
Waveform overlap
When two waveforms overlap, a third color distinguishes the overlap area (classic DCA-J interface only)
Connect-the-dots
On/Off selectable
Persistence
Minimum, variable (100 ms to 40 s), infinite
Graticule
On/Off
Grid intensity
0 to 100%
Dialog boxes
Opaque or transparent
Front panel inputs and outputs
Cal output
BNC (female) and test clip, banana plug
Trigger input
2.92 mm 4
USB 2
Three low-power USB 2.0 ports; Voltage: 5.00 ± 0.25 V; Current: 100 mA each
Precision timebase input
(Option PTB only)
2.92 mm 4
Rear panel inputs and outputs
Gated trigger input
TTL compatible
Video output
VGA, full color, 15 pin D-sub (female) 10
GPIB 3
Fully programmable, complies with IEEE 488.2
RS-232
9 pin D-sub (male)
LAN
USB 2
Four USB 2.0 ports; Voltage: 5.00 ± 0.25 V; Current: 500 mA each
Precision timebase delay path
(Option PTB only)
Two female SMA connectors, nominal length jumper cable included
1. Supports external display. Supports multiple display configurations via Windows XP Pro display utility.
2. USB Keyboard and mouse included with mainframe.
3. The GPIB card interface is optional. To include this interface, order 86100D-GPI.
4. Mainframe ships with 2.92 mm female-female connector saver (P/N 1250-4105).
Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com