Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D-IRC Datasheet(PDF) 13 Page - Keysight Technologies

Part # 86115D-IRC
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D-IRC Datasheet(HTML) 13 Page - Keysight Technologies

Back Button 86115D-IRC Datasheet HTML 9Page - Keysight Technologies 86115D-IRC Datasheet HTML 10Page - Keysight Technologies 86115D-IRC Datasheet HTML 11Page - Keysight Technologies 86115D-IRC Datasheet HTML 12Page - Keysight Technologies 86115D-IRC Datasheet HTML 13Page - Keysight Technologies 86115D-IRC Datasheet HTML 14Page - Keysight Technologies 86115D-IRC Datasheet HTML 15Page - Keysight Technologies 86115D-IRC Datasheet HTML 16Page - Keysight Technologies 86115D-IRC Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Single-mode and multimode optical/electrical (Continued)
Multiple and single-mode
optical/electrical modules
86105C
86105D
86105D
Option 281
86115D
Option 002, 102,
142 2
86115D
Option 004, 104,
144 2
Optical channel specifications (Continued)
Scale factor (per division)
Minimum
2 μW
20 μW
20 µW
20 μW
20 μW
Maximum
100 μW
500 μW
500 µW
500 μW
500 μW
CW 1 accuracy (single marker,
referenced to average power
monitor)
Single-mode:
± 25 μW ± 3%
Single-mode:
– ± 25 μW ± 2%
(8/10 Gb/s)
– 4% (14 Gb/s)
– 6%
(Unfiltered)
– ± 25 µW ± 4% (14.025 Gb/s)
– ± 25 µW ± 4% (15.0 Gb/s)
– ± 25 µW ± 6%
(25.78125 Gb/s)
– ± 25 µW ± 6%
(27.7393 Gb/s to 28.05 Gb/s)
– ± 25 µW ± 6% (Unfiltered)
Single-mode:
– ± 25 μW ± 2%
(8/10 Gb/s)
– 4% (14 Gb/s)
– 6%
(Unfiltered)
Single-mode:
– ± 25 μW ± 2%
(8/10 Gb/s)
– 4% (14 Gb/s)
– 6%
(Unfiltered)
Multimode:
± 25 μW ± 10%
Multimode:
± 25 μW ± 10%
Multimode:
± 25 μW ± 10%
Multimode:
± 25 μW ± 10%
CW offset range (referenced two
divisions from screen bottom)
+0.2 to –0.6 μW +1 μW/–3 μW
+1 to –3 mW
+1 μW/–3 μW
+1 μW/–3 μW
Average power monitor
(specified operating range)
–30 to 0 dBm
–30 to +3 dBm
–30 to +3 dBm
–30 to +3 dBm
–30 to +3 dBm
Average power monitor accuracy
Single-mode
± 5% ± 200 nW
± 5% ± 200 nW
± 5% ± 200 nW
± 5% ± 100 nW
± 5% ± 200 nW
± Connector
± Connector
± Connector
± Connector
± Connector
Uncertainty
Uncertainty
Uncertainty
Uncertainty
(20 to 30 °C)
Uncertainty
Multimode (characteristic)
± 10% ± 200 nW ± 5% ± 200 nW
± 10% ± 200 nW
± 5% ± 200 nW
± 5% ± 200 nW
± Connector
± Connector
± Connector
± Connector
± Connector
Uncertainty
Uncertainty
Uncertainty
Uncertainty
Uncertainty
1. CW refers to an unmodulated optical signal.
2. Options 102 and 104 do not include filters for 14.025 Gb/s. Options 142 and 144 include filters for 14.025 Gb/s and no other rates.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com