Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV6130 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OV6130 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
2
Table 1. Pin Description
Pin No.
Name
Pin Type
Function/Description
01
SVDD
VIN
Array power (+3.3VDC)
02
RESET
Function
(Default=0)
Chip reset, active high
03
AGCEN
Function
(Default=0)
Automatic Gain Control (AGC) selection
“0” – Disable AGC
“1” – Enable AGC
Note: This function is disabled when OV6630/OV6130 sensor is configured in I
2C mode.
04
FREX
Function
(Default=0)
Frame exposure control
“0” – Disable frame exposure control
“1” – Enable frame exposure control
05
HVDD
VREF (4V)
Charge pump voltage. Connect to ground through 10
µF capacitor.
06
ASUB
VIN
Analog substrate voltage.
07
AGND
VIN
Analog ground
08
AVDD
VIN
Analog power supply (+3.3VDC)
09
PWDN
Function
(Default=0)
Power down mode selection.
“0” – Normal mode.
“1” – Power down mode.
10
VRCAP1
VREF (1.5V)
Array reference. Connect to ground through 0.1
µF capacitor.
11
VCCHG
VREF (2.7V)
Internal voltage reference. Connect to ground through 1
µF capacitor.
12
IICB
Function
(Default=0)
I
2C enable selection.
“0” – Enable I
2C
“1” – Enable auto-control mode
13
VTO
O
Luminance composite signal output (black/white in PAL standard).
14
ADVDD
VIN
Analog power supply (+3.3VDC)
15
ADGND
VIN
Analog signal ground
16
VSYNC/CSYS
I/O
Vertical sync output. At power up, read as CSYS.
17
FODD/CLK
I/O
Field ID FODD output or main clock output
18
HREF/VSFRAM
I/O
HREF output. At power up, read as VSFRAM
19
*UV7/B8
I/O
Bit 7 of U video component output. At power up, sampled as B8.
* Note: Output UV7 is not available on the OV6130 sensor.
20
*UV6/ABKEN
I/O
Bit 6 of U video component output. At power up, sampled as ABKEN.
* Note: Output UV6 is not available on the OV6130 sensor.
21
*UV5/MIR
I/O
Bit 5 of U video component output. At power up, sampled as MIR.
* Note: Output UV5 is not available on the OV6130 sensor.
22
*UV4
I/O
Bit 4 of U video component output.
* Note: Output UV4 is not available on the OV6130 sensor.
23
*UV3
I/O
Bit 3 of U video component output.
* Note: Output UV3 is not available on the OV6130 sensor.
24
*UV2/QCIF
I/O
Bit 2 of U video component output. At power up, sampled as QCIF.
* Note: Output UV2 is not available on the OV6130 sensor.
25
*UV1/CC656
I/O
Bit 1 of U video component output. At power up, sampled as CC656.
* Note: Output UV1 is not available on the OV6130 sensor.
26
*UV0/GAMMA
I/O
Bit 0 of U video component output. At power up, sampled as GAMMA.
* Note: Output UV0 is not available on the OV6130 sensor.
27
XCLK1
I
Crystal clock input
28
XCLK2
O
Crystal clock output
29
DVDD
VIN
Digital power supply (+3.3VDC)
30
DGND
VIN
Digital ground
31
DOGND
VIN
Digital interface output buffer ground
32
DOVDD
VIN
Digital interface output buffer power supply (+3.3VDC or 5VDC)
33
PCLK/PWDB
I/O
PCLK output. At power up sampled as PWDB.
34
Y7/CS0
I/O
Bit 7 of Y video component output. At power up, sampled as CS0.
35
Y6/CS2
I/O
Bit 6 of Y video component output. At power up, sampled as CS2.
36
Y5/SHARP
I/O
Bit 5 of Y video component output. At power up, sampled as SHAPR.
37
Y4/CS1
I/O
Bit 4 of Y video component output. At power up, sampled as CS1.
38
Y3/RGB
I/O
Bit 3 of Y video component output. At power up, sampled as RGB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com