Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV6130 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
13
FREX
DATA
OUTPUT
HSYNC
VSYNC
ARRAY
PRECHARGE
HREF
Invalid Data
T
SET
T
HD
1 Frame (292 Lines) Valid Data
Mechanical Shutter Off
T
IN
Array Exposure Period T
EX
Precharge begins at the rising edge of HSYNC
T
PR
Array Precharge Period T
PR
Head of Valid Data (8 Lines)
Next Frame
T
HS
Black Data
Note:
T
PR=292 x 4 x TCLK. TCLK is internal pixel period. TCLK=112ns if the system clock is 17.73MHz. TCLK will
increase with the clock divider CLK[5:0].
T
EX is array exposure time which is decided by external master device.
T
IN is uncertain time due to the using of HSYNC rising edge to synchronize FREX. TIN < THS.
There are 8 lines data output before valid data after FREX=0. T
HD=4 THS. Valid data is output when
HREF=1.
T
SET=TIN + TPR + TEX. TSET > TPR + TIN. The exposure time setting resolution is THS (one line) due to the
uncertainty of T
IN.
Figure 7. Frame Exposure Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com