Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AIRGET Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002AIRGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AIRGET Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB1002AIRGET Datasheet HTML 11Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 12Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 13Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 14Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 15Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 16Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 17Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 18Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
USB
Type A
X in trace
USB
Type A
X in trace
TUSB1002A
Y in trace
USB Host
USB Host
15
TUSB1002A
www.ti.com
SLLSF63 – MARCH 2018
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 4-Level Control Inputs
The TUSB1002A has (MODE, CFG1, CFG2, CH1_EQ1, CH1_EQ2, CH2_EQ1, and CH2_EQ2) 4-level inputs
pins that are used to control the equalization gain and the output voltage swing dynamic range. These 4-level
inputs use a resistor divider to help set the 4 valid levels and provide a wider range of control settings. These
resistors together with the external resistor connection combine to achieve the desired voltage level.
Table 1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Option 1: Tie 1 k
Ω 5% to GND.
Option 2: Tie directly to GND.
R
Tie 20 k
Ω 5% to GND.
F
Float (leave pin open)
1
Option 1: Tie 1 k
Ω 5% to VCC.
Option 2: Tie directly to VCC.
NOTE
In order to conserve power, the TUSB1002A disables 4-level input’s internal pull-up/pull-
down resistors after the state of 4-level pins have been sampled on rising edge of EN. A
change of state for any four level input pin is not applied to TUSB1002A until after EN pin
transitions from low to high.
7.3.2 Linear Equalization
With a linear equalizer, the TUSB1002A can electrically shorten a particular channel allowing for longer run
lengths.
Figure 16. Linear Equalizer
With a TUSB1002A, a longer trace can be made to have similar insertion loss as a shorter trace. For example, a
long trace of X + Y inches can be made to have similar loss characteristics of a shorter trace of X inches.
The receiver equalization level for each channel is determined by the state of the CHx_EQ1 and CHx_EQ2 pins,
where x = 1 or 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com