Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002AIRGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002AIRGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AIRGET Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1002AIRGET Datasheet HTML 1Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 2Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 3Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 4Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 5Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 6Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 7Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 8Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
USB 3.1
Host
RXP1
TUSB1002A
RXN1
+
-
TXP2
TXN2
+
-
+
-
TXP1
TXN1
+
-
+
-
RXP2
RXN2
+
-
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB1002A
SLLSF63 – MARCH 2018
TUSB1002A USB3.2 10 Gbps Dual-Channel Linear Redriver
1
1 Features
1
•
Supports USB3.2 x1 SuperSpeed (5 Gbps) and
SuperSpeedPlus (10 Gbps)
•
Supports PCI Express Gen3, SATA Express, and
SATA Gen3.
•
Ultra Low-Power Architecture
–
Active: < 300 mW
–
Disconnect/U2/U3: < 1.9 mW
–
Shutdown: < 700 µW
•
Adjustable Voltage Output Swing Linear Range up
to 1200 mVpp
•
No Host/Device Side Requirement
•
16 Settings for up to 16 dB at 10 Gbps of Linear
Equalization
•
Adjustable DC Equalization Gain
•
Hot-Plug Capable
•
Pin-to-Pin Compatible With LVPE502A and
LVPE512 USB 3.0 Redriver
•
Pin-to-Pin Compatible with TUSB1002 Redriver
•
Temperature Range: 0°C to 70°C (Commercial)
and –40°C to 85°C (Industrial)
•
±5 kV HBM ESD
•
Available in Single 3.3 V Supply.
•
Available in 4 mm x 4 mm VQFN
2 Applications
•
Notebook and Desktop PC
•
TVs
•
Tablets
•
Cell Phones
•
Active Cable
•
Docking Stations
3 Description
The TUSB1002A is the industry’s first dual-channel
USB 3.2 x1 SuperSpeedPlus (SSP) redriver and
signal conditioner. The device offers low power
consumption on a 3.3-V supply with its ultra-low-
power architecture. It supports the USB3.2 low power
modes
which
further
reduces
idle
power
consumption.
The TUSB1002A implements a linear equalizer,
supporting up to 16 dB of loss due to Inter-Symbol
Interference (ISI). When USB signals travel across a
PCB or cable, signal integrity degrades due to loss
and inter-symbol interference. The linear equalizer
compensates for the channel loss, and thereby,
extends the channel length and enables systems to
pass USB compliance. The dual lane implementation
and small package size provides flexibility in the
placement of the TUSB1002A in the USB3.2 path.
The TUSB1002A is available in either a 24-pin 4 mm
x 4 mm VQFN. It is also available in a commercial
grade
(TUSB1002A)
or
industrial
grade
(TUSB1002AI).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1002A
VQFN (24)
4.00 mm x 4.00 mm
TUSB1002AI
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Simplified Schematic


Similar Part No. - TUSB1002AIRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002AIRGET TI2-TUSB1002AIRGET Datasheet
2Mb / 38P
TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
REVISED JULY 2024
TUSB1002AIRGET.B TI2-TUSB1002AIRGET.B Datasheet
2Mb / 38P
TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
REVISED JULY 2024
More results

Similar Description - TUSB1002AIRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
logo
ON Semiconductor
NB7NPQ1004M ONSEMI-NB7NPQ1004M Datasheet
197Kb / 11P
3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
June, 2018 ??Rev. 0
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
logo
Texas Instruments
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com