Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS4002A-RPP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS4002A-RPP
Description  Reverse voltage: 40 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS4002A-RPP Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS4002A-RPP Datasheet HTML 1Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 2Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 3Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 4Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 5Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008-05-16
3
BAS4002A...
Diode capacitance CT = ƒ (VR)
f = 1MHz (per diode)
0
5
10
15
20
V
30
VR
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
pF
7
Reverse current IR = ƒ (TA)
VR = Parameter (per diode)
0
25
50
75
100
°C
150
TA
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
A
VR = 40 V
30 V
20 V
10 V
Reverse current IR = ƒ(VR)
TA = Parameter (per diode)
0
5
10
15
20
25
30
V
40
VR
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
A
TA = 125°C
85°C
25°C
Forward Voltage VF = ƒ (TA)
IF = Parameter (per diode)
-50
-25
0
25
50
75
100
°C
150
TA
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
V
0.75
IF = 200 mA
100 mA
60 mA
10 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com