Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS4002A-RPP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS4002A-RPP
Description  Reverse voltage: 40 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS4002A-RPP Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS4002A-RPP Datasheet HTML 1Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 2Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 3Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 4Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 5Page - Infineon Technologies AG BAS4002A-RPP Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2008-05-16
1
BAS4002A...
Low VF Schottky Diode Array
• Reverse voltage: 40 V
• Forward current: 0.2 A
• Small diode quad array for polarity independance,
reverse polarity protection and low loss
bridge rectification
• Very low forward voltage: 0.55 @ 0.1 A (per diode)
• Fast switching
• Pb-free (ROHS compliant) package
• Qualified according AEC Q101
BAS4002A-RPP
2
1
D2
D1
4
3
D3
D4
+
-
~
~
Type
Package
Configuration
Marking
BAS4002A-RPP
SOT143
bridge
E9s
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage1)
VR
40
V
Peak reverse voltage1)
VRM
40
RMS reverse voltage1)
VR(RMS)
28
Forward current1), TS ≤ 124 °C
IF
200
mA
Non-repetitive peak surge forward current
(t
≤ 10 ms)
IFSM
2
A
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ...150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 130
K/W
1For TA > 25°C the derating of VR and IF has to be considered.
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAS4002A-RPP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS4002A-RPP INFINEON-BAS4002A-RPP Datasheet
806Kb / 6P
Low VF Schottky Diode Array
2008-05-16
More results

Similar Description - BAS4002A-RPP

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1540 DACHANG-MBRF1540 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com