Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9155 Datasheet(PDF) 10 Page - Keysight Technologies

Part # M9155
Description  M9362AD01
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button M9155 Datasheet HTML 4Page - Keysight Technologies M9155 Datasheet HTML 5Page - Keysight Technologies M9155 Datasheet HTML 6Page - Keysight Technologies M9155 Datasheet HTML 7Page - Keysight Technologies M9155 Datasheet HTML 8Page - Keysight Technologies M9155 Datasheet HTML 9Page - Keysight Technologies M9155 Datasheet HTML 10Page - Keysight Technologies M9155 Datasheet HTML 11Page - Keysight Technologies M9155 Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Configuration and Ordering Information
Software
Model
Description
Software
development
platform
Microsoft Visual Studio with C/C++
Microsoft Visual Studio .NET with C# or Visual
Basic, National Instruments LabVIEW, National
Instruments LabWindows CVI, The MathWorks
MATLAB, Keysight VEE
Supported
operating systems
Windows XP SP3, 32-bit
Windows Vista 32/64-bit
Windows 7 32/64-bit
Drivers provided
IVI-COM, IVI-C, LabView, MATLAB
Included GUI
Soft front panel
Application code
examples
C, C++, C#, Visual Basic, VEE, MATLAB
Recommended configuration
Model
Description
M9018A
PXIe Chassis, 18-slots, 3U, 8 GB/s
M9202A
PXIe IF Digitizer: 12-bit, 1 GHz
M9361A
PXI Downconverter: 2.75 to 26.5 GHz
M9168C
PXI-h Programmable Step Attenuator Module,
DC to 26.5 GHz
M9168E
PXI-h Programmable Step Attenuator Module,
DC to 50 GHz
Ordering information typical configuration
Model
Description
M9168C
PXI-h Programmable Step Attenuator Module,
DC to 26.5 GHz
M9168E
PXI-h Programmable Step Attenuator Module,
DC to 50 GHz
Related products
Model
Description
M9392A
PXI Vector Signal Analyzer
M9351A
PXI Downconverter, 50 MHz to 2.9 GHz
M9360A
PXI Attenuator/Preselector
M9155/6/7C
PXI Switch Modules, DC to 26.5 GHz
Model and chassis compatibility
PXI chassis compatibility
Compatible with all chassis conforming to the 3U PXI and 3U cPCI
specifications
Compatible with Keysight M9018A PXIe chassis, 18-slots, 3U, 8 GB/s
Warranty and calibration
Advantage Services: Calibration and warranty
Keysight Advantage Services is committed to your success throughout
your equipment’s lifetime.
M9168C-UK6
Commercial calibration certificate with test data
R-51B-001-C
1 year Return-to-Keysight warranty
10 | Keysight | Programmable Step Attenuator Module M9168C DC to 26.5 GHz, M9168E DC to 50 GHz – Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com