Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9155 Datasheet(PDF) 2 Page - Keysight Technologies

Part # M9155
Description  M9362AD01
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155 Datasheet(HTML) 2 Page - Keysight Technologies

  M9155 Datasheet HTML 1Page - Keysight Technologies M9155 Datasheet HTML 2Page - Keysight Technologies M9155 Datasheet HTML 3Page - Keysight Technologies M9155 Datasheet HTML 4Page - Keysight Technologies M9155 Datasheet HTML 5Page - Keysight Technologies M9155 Datasheet HTML 6Page - Keysight Technologies M9155 Datasheet HTML 7Page - Keysight Technologies M9155 Datasheet HTML 8Page - Keysight Technologies M9155 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Keysight Technologies, Inc. has been a leading designer and manufacturer of RF and microwave step
attenuators in the global marketplace for more than 60 years. RF and microwave attenuators are used
extensively in microwave test systems for signal conditioning between transmitting and receiving of a
device under test (DUT). Keysight designs and manufacturers a comprehensive range of RF and microwave
attenuators to meet your signal attenuation requirements. There is a broad range of fixed, manual, and
programmable step attenuators with operating frequencies from DC up to 4/18/26.5/40/50 GHz.
Product Description
Other than connectorized standalone attenuators, Keysight also offers step attenuator modules that
operate across a broad frequency range of DC to 26.5/50 GHz. The M9168C/E is a programmable step
attenuator module based on the PXI hybrid platform, with 0.03 dB insertion loss repeatability for each
section throughout the 5 million cycles operating life. Its excellent attenuation accuracy across a wide
operating temperature range ensures precise measurements. The M9168C/E is a signal conditioning
module that enhances the measurement accuracy and flexibility of PXI based RF and microwave test
systems.
Applications
– RF signal path attenuation simulation
– Engineering verification
– RF receiver sensitivity test
– Adjacent channel interference
Features
– 0.03 dB insertion loss repeatability through-out the operating life of up to 5 million cycles per section
– Broad attenuation range of 0 to 101 dB with 1 dB step
– High attenuation accuracy and flatness of ± 0.4 dB at 26.5 GHz (M9168C) and ± 0.97 at 50 GHz
(M9168E)
– Soft front panel is available for ease of use
Customer values
– Peace of mind in technology from Keysight who has a proven track record of providing versatile,
quality, RF and microwave step attenuators
– Reduce downtime for recalibration, improve testing efficiency and therefore maximizing throughput
– Maximize measurement accuracy and system flexibility
– Guaranteed precise measurements and stability across a wide temperature range
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com