Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBW150-24S3.3-RTF Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHBW150-24S3.3-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S3.3-RTF Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHBW150-24S3.3-RTF Datasheet HTML 1Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 2Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 13
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input, and Full Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF CONTROL (See Note 5)
Positive Logic (Standard)
DC/DC ON
Open or 3~12VDC
DC/DC OFF
Short or 0~1.2VDC
Negative Logic
DC/DC ON
Short or 0~1.2VDC
DC/DC OFF
Open or 3~12VDC
Input Current of CTRL Pin
-0.5
1
mA
Remote OFF Input Current
3
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
%of Iout rated; Hiccup Mode
120
150
%
Over Voltage Protection
% of Vout (nom); Hiccup Mode
115
130
%
Over Temperature Protection
+120
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
Base-Plate
-40
+115
ºC
Storage Temperature
Terminal Block Type
-40
+105
ºC
Others
-55
+125
ºC
Thermal Impedance (See Note 6)
Module without Assembly Option
6.1
ºC/W
Only Mount on the Iron Base-Plate
2.8
Heat-Sink Type with 0.24” Height
5.1
Heat-Sink Type with 0.45” Height
4.6
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
350,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
225
250
275
kHz
Isolation Voltage
1 Minute
(Reinforced Insulation)
110Vin (nom)
Input to Output
3000
VAC
Input (Output) to Case
1500
1 Minute
(Basic Insulation)
Others
Input to Output
2250
VDC
Input (Output) to Case
1600
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
2500
pF
PHYSICAL SPECIFICATIONS
Weight
Through Hole Package
3.70oz (105g)
Terminal Block without EMC Filter (-T Suffix)
8.29oz (235g)
Terminal Block with EMC Filter (-TF Suffix)
9.88oz (280g)
Terminal Block with EMC Filter That Can Connect to PE (-TF1 Suffix)
10.12oz (287g)
Dimensions (L x W x H)
Through Hole Package
2.40 x 2.28 x 0.50in (61 x 57.9 x 12.7mm)
Terminal Block without EMC Filter (-T Suffix)
3.35 x 2.40 x 1.35in (85 x 61 x 34.2mm)
Terminal Block with EMC Filter (-TF Suffix)
3.35 x 2.40 x 1.54in (85 x 61 x 39mm)
Terminal Block with EMC Filter That Can Connect to PE (-TF1 Suffix)
3.35 x 2.40 x 1.59in (85 x 61 x 40.5mm)
Case Material
24VDC Nominal Input & 48VDC Nominal Input
Metal
110VDC Nominal Input
Aluminum base-plate with Plastic Case
Base Material
24VDC Nominal Input & 48VDC Nominal Input
FR4 PCB
Potting Material
Silicone (UL94 V-0)
SAFETY CHARACTERISTICS
Safety Approvals
IEC/UL/EN60950-1
UL:E193009
CB:UL (Demko)
Standard Approvals
EN50155
EN45545-2
EMI (See Note 7)
EN55011, EN55032
Terminal Block with EMC Filter (-TF Suffix)
Class A
Terminal Block with EMC Filter that Can
connect to PE (-TF1 Suffix)
Class A
Other Models with External Components
Class A, Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20V/m
Perf. Criteria A
Fast Transient (See Note 8)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 8)
EN61000-4-5
EN55024 ±2kV and EN50155 ±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100A/m continuous; 100A/m 1 second
Perf. Criteria A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com