Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBW150-24S3.3-RTF Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCHBW150-24S3.3-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S3.3-RTF Datasheet(HTML) 6 Page - Wall Industries,Inc.

Back Button DCHBW150-24S3.3-RTF Datasheet HTML 2Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 9Page - Wall Industries,Inc. DCHBW150-24S3.3-RTF Datasheet HTML 10Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 13
External Output Trimming
Trim Up
3.3V Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.630
RU (k
Ω)
170.082
85.388
57.156
43.041
34.571
28.925
24.892
21.867
19.515
17.633
5V Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
5.50
RU (k
Ω)
310.245
156.163
104.803
79.122
63.714
53.442
46.105
40.602
36.322
32.898
12V Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
RU (k
Ω)
887.388
447.592
300.993
227.694
183.714
154.395
133.452
117.745
105.528
95.755
15V Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
RU (k
Ω)
1134.735
572.490
385.075
291.367
235.143
197.660
170.886
150.806
135.188
122.694
24V Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
RU (k
Ω)
1876.776
947.184
637.320
482.388
389.429
327.456
283.190
249.990
224.168
203.510
28V Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
28.28
28.56
28.84
29.12
29.40
29.68
29.96
30.24
30.52
30.80
RU (k
Ω)
2206.571
1113.714
749.429
567.286
458.000
385.143
333.102
294.071
263.714
239.429
48V Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
48.48
48.96
49.44
49.92
50.40
50.88
51.36
51.84
52.32
52.80
RU (k
Ω)
3855.551
1946.367
1309.973
991.776
800.857
673.578
582.665
514.480
461.447
419.020
Trim Down
All Models
ΔV (%)
1
2
3
4
5
6
7
8
9
10
RD (k
Ω)
98.000
48.000
31.333
23.000
18.000
14.667
12.286
10.500
9.111
8.000
ΔV (%)
11
12
13
14
15
16
17
18
19
20
RD (k
Ω)
7.091
6.333
5.692
5.143
4.667
4.250
3.882
3.556
3.263
3.000
SERIES
For DCHBW150-24S12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com