Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBW150-24S05-RTF Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHBW150-24S05-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S05-RTF Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHBW150-24S05-RTF Datasheet HTML 1Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 2Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 13
Through Hole Package
Size: 2.40in x 2.28in x 0.50in (61mm x 57.9mm x 12.7mm)
Through Hole Package with Heatsink
Size: 2.40in x 2.28in x 0.95in (61mm x 57.9mm x 24.2mm)
Terminal Block
Terminal Block with EMC Filter
Size: 3.35in x 2.40in x 1.35in (85mm x 61mm x 34.2mm)
Size: 3.35in x 2.40in x 1.54in (85mm x 61mm x 39mm)
OPTIONS
FEATURES
• Pin Length
• Sync Pin
• Case Pin
• Heatsinks
• Thru-Hole Inserts
• Negative Logic Remote On/Off
• Terminal Block
• Terminal Block with EMC Filter
• Soft Start
• 4:1 Ultra Wide Input Ranges
• 132~182 Watts of Output Power
• Single Outputs Ranging from
3.3VDC-48VDC
• Under Voltage Lockout
• High Efficiency
• No Minimum Load Requirement
• Several Mechanical Options
Available
• Adjustable Output Voltage
• Industry Standard Half-Brick Footprint
• Remote On/Off Control
• 2250VDC Basic Isolation, 3000VAC Reinforced Isolation
• Thru-Hole Insert Versions and Terminal Blocks Versions
Available
• Short Circuit, Over Current, Over Temperature, and Over Voltage
Protection
• RoHS & REACH Compliant
• IEC/UL/EN60950-1 Safety Approvals
APPLICATIONS
DESCRIPTION
• Railway Applications
• Wireless Networks
• Telecom/Datacom
• Industry Control Systems
• Semiconductor Equipment
• Distributed Power Architectures
• Military Applications
The DCHBW150 series of DC/DC power converters provides up to 182 watts of output power in an
industry standard half-brick package and footprint. This series consists of single output models ranging
from 3.3VDC to 48VDC with 4:1 ultra-wide input voltage ranges. Some features include high efficiency up
to 91%, adjustable output voltage, and remote on/off control. These converters also have short circuit, over
voltage, over current, and over temperature protection. The DCHBW150 series is RoHS & REACH
compliant and has IEC/UL/EN60950-1 safety approvals. Several different options are available for this
series including negative remote on/off control, terminal block, pin length, heatsinks, sync pin, case pin,
and thru-hole inserts. Please contact factory for more details.


Similar Part No. - DCHBW150-24S05-RTF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150-24S05 WALL-DCHBW150-24S05 Datasheet
734Kb / 8P
4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
More results

Similar Description - DCHBW150-24S05-RTF

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB50 CUI-VHB50 Datasheet
1Mb / 4P
Half Brick DC to DC Converter
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
Half Brick DC-DC Converter
logo
Power Mate Technology C...
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
HAE200 P-DUKE-HAE200 Datasheet
768Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 255 Watts
logo
Wall Industries,Inc.
DCQUW60 WALL-DCQUW60 Datasheet
718Kb / 8P
Up to 60 Watts Quarter Brick DC/DC Converter Single Outputs
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
Up to 200 Watts DC/DC Half-Brick Converter Single Output
DCHBW75 WALL-DCHBW75_18 Datasheet
679Kb / 9P
Up to 76.8 Watts DC/DC Power Converter Single Outputs
logo
DATEL, Inc.
HBR DATEL-HBR Datasheet
1Mb / 16P
HBR Series of Railway Half-Brick Up to 100 Watts DC-DC Converter
HBR DATEL-HBR_17 Datasheet
966Kb / 15P
HBR Series of Railway Half-Brick Up to 150 Watts DC-DC Converter
QBR DATEL-QBR Datasheet
836Kb / 15P
Quarter-Brick Up to 100 Watts DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com