Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBW150-24S05-RTF Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHBW150-24S05-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S05-RTF Datasheet(HTML) 7 Page - Wall Industries,Inc.

Back Button DCHBW150-24S05-RTF Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 9Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 10Page - Wall Industries,Inc. DCHBW150-24S05-RTF Datasheet HTML 11Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 13
MECHANICAL DRAWINGS
Through Hole Case
24VDC & 48VDC Nominal Input Models
The screw locked torque: MAX 5.0kgf-cm/0.49N-m
PIN CONNECTIONS
PIN
DEFINE
DIAMETER
1
-Vin
0.04in
2
Case (Option)
0.04in
3
Ctrl
0.04in
4
+Vin
0.04in
5
-Vout
0.08in
6
-Sense
0.04in
7
Trim
0.04in
8
+Sense
0.04in
9
+Vout
0.08in
10
Sync (Option)
0.04in
Notes:
1. All dimensions in inch [mm]
2. Tolerance: x.xx±0.02 [x.x±0.5]
x.xxx±0.01 [x.xx±0.25]
3. Pin pitch tolerance ±0.01 [0.25]
4. Pin dimension tolerance ±0.004 [0.10]
110VDC Nominal Input Models
The screw locked torque: MAX 3.5kgf-cm/0.34N-m
Product Options
Suffix
Product Options
Suffix
Negative Remote ON/OFF Logic
0.200” pin length
R
Heatsink
H=0.45” Vertical
H
0.145” pin length
RL
H=0.24” Horizontal
H1
Positive Remote ON/OFF Logic
0.200” pin length
None
H=0.24” Vertical
H2
0.145” pin length
S
H=0.45” Horizontal
H3
Thru-Hole Inserts (No Thread)
Ø0.126 thru-hole (no thread) inserts
TH
Terminal
Block
No EMC Filter
T
Sync Pin
SY
EMC Filter(1)
TF
Case Pin
CP
EMC Filter that can be connected to PE(1)
TF1
(1) Models with EMC filters (suffix “TF” and “TF1”) meet EN55032 Class A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com