Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6470T Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6470T
Description  600KHz, 16V/2A Synchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6470T Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6470T Datasheet HTML 1Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 2Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 3Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 4Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 5Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 6Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 7Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 8Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP6470T-01
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP6470T
600KHz, 16V/2A Synchronous Step-down Converter
General Description
The LP6470T contains an independent 600KHz
constant frequency, current mode, PWM step-down
converters. The converter integrates a main switch
and a synchronous rectifier for high efficiency
without an external Schottky diode. The LP6470T is
ideal for powering portable equipment that runs
from a 2cell Lithium-Ion (Li+) battery. The converter
can supply 2000mA of load current from a 3.5V to
16V input voltage. The output voltage can be
regulated as low as 0.766V.
The LP6470T is available in a SOT23-6 package
and is rated over the -40℃ to 85℃ temperature
range.
Order Information
LP6470T □ □ □
F: Pb-Free
Package Type
B6: SOT23-6
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
GPS Applications
Features
Input Voltage Range: 3.5V to 16V
Output Voltage Range: 0.766V to 12V
2000mA Load Current on Channel
Up to 96% Efficiency
<6uA Shutdown Current
600KHz Switching Frequency
Short Circuit Protection
Thermal Fault Protection
SOT23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
The C1 must be as close as possible to the chip, and the
capacitor loop is the same.
Marking Information
Device
Marking
Package
Shipping
LP6470T
LPS
A5YWX
SOT23-6
3K/REEL
Y: Year code. W: Week code. X: Batch numbers.
22uFx 2
C1
10nF
C2
22uF
2.2uH
3V3_2A
100K
30.2K
R2
LP6470B6F
5
2
4
3
6
1
EN
SW
FB
VIN
BS
GND
VOUT=(R1/R2+1)VFB
R1
500K
VIN(3.5-16V)


Similar Part No. - LP6470T

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results

Similar Description - LP6470T

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
600KHz, 16V竊?A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com