Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6470T Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6470T
Description  600KHz, 16V/2A Synchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6470T Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6470T Datasheet HTML 1Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 2Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 3Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 4Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 5Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 6Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 7Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 8Page - Lowpower Semiconductor inc LP6470T Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP6470T-01
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP6470T
Electrical Characteristics
VIN=12V, VEN=5V, TA=25℃, unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
3.5
16
V
VOUT
Output Voltage Range
0.766
12
V
IQ
Quiescent Current
VFB=0.85V
450
900
µA
ISHDN
Shutdown Current
VEN=GND
6
µA
ILIM
P-Channel Current Limit
3
A
RDS(ON)H
High-Side Switch On Resistance
100
mΩ
RDS(ON)L
Low-Side Switch On Resistance
80
mΩ
ΔVLine-reg/ΔVIN
Line Regulation
VIN=4.5V to 12V
0.2
%/V
VFB
Feedback Threshold Voltage Accuracy
18V>VIN>4.5V
0.751 0.766 0.781
V
IFB
FB Leakage Current
VFB=1.0V
30
nA
fOSC
Oscillator Frequency
600
KHz
TSD
Over-Temperature Shutdown Threshold
150
℃
THYS
Over-Temperature Shutdown Hysteresis
20
℃
VINOVP
Over Voltage Protection Threshold
18
V
VINOVP-HYS
Over Voltage Protection Hysteresis
1
V
DMAX
Maximal duty cycle
95
%
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.8
V
IEN
Input Low Current
VIN=VEN=5V
4
µA
Note: Output Voltage: VOUT = VFB × ( 1 + R1 / R2 ) Volts;



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com