Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6496 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6496
Description  Wide Range Synchronous Buck Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6496 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6496 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6496 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6496 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6496 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6496 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6496 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP6496-02
jun.-2017
Email: marketing@lowpowersemi.comwww.lowpowersemi.comPage 1 of 6
Preliminary Datasheet
LP6496
Wide Range Synchronous Buck Controller
General Description
The LP6496 is a synchronous step down regulator
with CC control from a high voltage input supply.
Operating with an input voltage 8V~40V, the LP6496
achieves 5A continuous output current with excellent
load and line regulation. Current mode operation
provides fast transient response and eases loop
stabilization.
The LP6496 requires a minimum number of readily
available standard external components. Other
features include cable compensation, programmable
current limit and thermal shutdown.
The LP6496 converters are available in the industry
standard SOP8 packages.
Order Information
LP6496 □ □ □ □
F: Pb-Free
Package Type
SO: SOP8
Current Sense Voltage
A: VCS=53mV
B: VCS=65mV
Applications
Car Charger / Adaptor
LED Driver
Pre-Regulator for Linear Regulators
Distributed Power Systems
Battery Charger
Features
Wide Input Voltage Range: 8V ~ 40V
Up to 94% Efficiency
No Loop Compensation Required
CC/CV control
Programmable CC Current
Thermal Shutdown
Available in SOP8 Package
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP6496A
LPS
LP6496
XXX
SOP8
2.5K/REEL
LP6496B
Marking indication:
Y:Production year W:Production week X:Production batch
VBUS+
VIN
Rsen
12mR
10uF
VBUS-
VIN
HG
SW
LG
FB
CS
GND
24k
180k
100uF
470uF
1uF
47uH


Similar Part No. - LP6496

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6490 POWER-LP6490 Datasheet
364Kb / 6P
30V 2.4A Synchronous Buck Converter
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F24SOF POWER-LP64920F24SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F31SOF POWER-LP64920F31SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
More results

Similar Description - LP6496

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
Wide Range Synchronous Buck Controller
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
Wide Range Synchronous Buck Controller
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com