Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6490 Datasheet (PDF) - Lowpower Semiconductor inc

LP6490 Datasheet PDF - Lowpower Semiconductor inc
Part # LP6490
Download  LP6490 Download
File Size   364.81 Kbytes
Page   6 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 30V 2.4A Synchronous Buck Converter

LP6490 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP6490 Datasheet PDF - Lowpower Semiconductor inc

Part # LP6490
Download  LP6490 Click to download

File Size   364.81 Kbytes
Page   6 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 30V 2.4A Synchronous Buck Converter

LP6490 Datasheet (HTML) - Lowpower Semiconductor inc




Similar Part No. - LP6490

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F24SOF POWER-LP64920F24SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F31SOF POWER-LP64920F31SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
More results


Similar Description - LP6490

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Shenzhenshi YONGFUKANG ...
NS6312 YONGFUKANG-NS6312 Datasheet
1Mb / 10P
4-30V Input 2.4A Output Synchronous Buck Regulator
NS6322 YONGFUKANG-NS6322 Datasheet
1Mb / 9P
4-30V Input 5V/2.4A Output Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM1782A HMSEMI-HM1782A Datasheet
1Mb / 9P
4-30V input 5V/2.4A output synchronous buck regulator
HM1783A HMSEMI-HM1783A Datasheet
1Mb / 10P
4-30V Input 2.4A Output Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
logo
Major-Power Technology ...
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com