Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6490 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6490
Description  30V 2.4A Synchronous Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6490 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6490 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP6490-01
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP6490
30V 2.4A Synchronous Buck Converter
General Description
The LP6490 is a synchronous, rectified, step-down,
switch-mode converter with built-in power MOSFETs.
The LP6490 offers a very compact solution that
achieves a maximum of 2.4A of continuous output
current.
The LP6490 has synchronous mode operation for high
efficiency over the output current load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
The LP6490 requires a minimum number of readily
available standard external components. Other
features include cable compensation, programmable
current limit and thermal shutdown.
Order Information
LP6490
F: Pb-Free
Package Type
SP: ESOP-8
Applications
Car Charger
Pre-Regulator for Linear Regulators
Distributed Power Systems
USB Dedicated Charging Ports (DCP)
Features
Wide 8V to 30V Continuous Operating Input
Range
80mΩ/60mΩ Low RDS(ON) Internal Power
MOSFETs
Up to 93% Efficiency
Default 180kHz Switching Frequency
Internal Soft Start
Output large Line Drop Compensation
Over- Voltage Protection (OVP)
Over-Current Protection (OCP) programmable
with External Resistor
No Loop Compensation Required
Thermal Shutdown
Available in ESOP8 Package
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP6490
LPS
LP6490
YWX
ESOP8
4K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch
LP6490
VIN
GND
CS
FB
SW
100uF
470uF
Option
Option
47uH
Rsen
25mΩ
Vout+
Vin
Vout-
Rup
39K
Rdn
5.1K


Similar Part No. - LP6490

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
LP64920F POWER-LP64920F Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F24SOF POWER-LP64920F24SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP64920F31SOF POWER-LP64920F31SOF Datasheet
514Kb / 7P
2.4A/3.1A DC-DC
LP6492F POWER-LP6492F Datasheet
463Kb / 7P
2.4A/3.1A?믤탛?믣럨?뚧??띶럨DC-DC
More results

Similar Description - LP6490

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Shenzhenshi YONGFUKANG ...
NS6312 YONGFUKANG-NS6312 Datasheet
1Mb / 10P
4-30V Input 2.4A Output Synchronous Buck Regulator
NS6322 YONGFUKANG-NS6322 Datasheet
1Mb / 9P
4-30V Input 5V/2.4A Output Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM1782A HMSEMI-HM1782A Datasheet
1Mb / 9P
4-30V input 5V/2.4A output synchronous buck regulator
HM1783A HMSEMI-HM1783A Datasheet
1Mb / 10P
4-30V Input 2.4A Output Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP6492 POWER-LP6492 Datasheet
381Kb / 7P
30V 2.4A Synchronous Buck Converter
logo
Major-Power Technology ...
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com