Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6490 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6490
Description  30V 2.4A Synchronous Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6490 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6490 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6490 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP6490-01
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 6
Preliminary Datasheet
LP6490
Absolute Maximum Ratings
Note 1
VIN to GND ------------------------------------------------------------------------------------------------------- -0.3V to 36V
SW to GND -------------------------------------------------------------------------------------------------- -0.3V to 36+0.3V
All other pin to GND ---------------------------------------------------------------------------------------------- -0.3V to 6V
Maximum Operating Junction temperature-------------------------------------------------------------------------- 150℃
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------- 260°C
Storage Temperature -------------------------------------------------------------------------------------- -55℃ to 150°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation ( PD,TA=25℃) ------------------------------------------------------------------------- 2W
Thermal Resistance (θJA) -------------------------------------------------------------------------------------------- 50℃/W
ESD Susceptibility
HBM(Human Body Mode) ----------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
Operating Junction Temperature Range (TJ) ------------------------------------------------------- -40℃ to 150℃
Ambient Temperature Range ------------------------------------------------------------------------------ -40℃ to 85℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com