Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMSD301
Description  Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMSD301 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMSD301 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMSD301 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMSD301 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMSD301 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited MMSD301 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
Schottky
Barrier
Diode
MMSD301/MMSD701
A018
www.gmesemi.com
Rev.A
1
FEATURES
Extremely low minority carrier lifetime.
Very low capacitance.
Low reverse leakage.
Pb-Free packages are available.
APPLICATIONS
Schottky barrier diodes.
SOD-123
ORDERING INFORMATION
Type No.
Marking
Package Code
MMSD301
XT
SOD-123
MMSD701
XH
SOD-123
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive peak reverse voltage
MMSD301
MMSD701
VR
30
70
V
Forward Continuous Current
IF
200
mA
Power Dissipation
Pd
225
mW
Junction temperature
Tj
-55to +125
℃
Storage temperature range
TSTG
-65 to +150
℃
Pb
Lead-free


Similar Part No. - MMSD301

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
logo
Shenzhen Luguang Electr...
MMSD301 LUGUANG-MMSD301 Datasheet
281Kb / 3P
Schottky Barrier Diode
logo
Diode Semiconductor Kor...
MMSD301 DSK-MMSD301 Datasheet
283Kb / 4P
Schottky Barrier Diode
logo
AiT Semiconductor Inc.
MMSD301 AITSEMI-MMSD301 Datasheet
571Kb / 6P
SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V
REV1.0
More results

Similar Description - MMSD301

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com