Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485ITSTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1485ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1485ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
 2004 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
Typical Characteristics (Cont.)
Frequency vs Input Voltage
(Iout = 1A, Vout = 2.5V, Rton = 1M)
250
260
270
280
290
300
310
5
1015
2025
Input Voltage (Volts)
Frequency vs Load Current
(Vin = 15V, Vout = 2.5V, Rton = 1M)
250
260
270
280
290
300
01
234
56
Load Current (Amps)
Rton vs Frequency
(Vin = 15V, Vout = 2.5V, Iout = 1A)
0
100
200
300
400
500
600
400
500
600
700
800
900
1000
1500
Rton (kohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com