Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485ITSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1485ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1485ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
 2004 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
R11
470k
1
2
R5
1M
R3
8.45k
VDD
1.8V @ 4A
C11
150uF POSCAP
1
2
C2
0.1uF/25V
1
2
L2
5uH
R9
20k
1
2
D3
MBR0530
1
2
C6
10uF/25V
1
2
D1
MBR0530
1
2
C3
10uF/25V
1
2
VBAT
C4
0.22uF
1
2
VOUT1
C9
0.1uF
1
2
C1
0.22uF
1
2
R1
10
D2
MBR0530
1
2
C8
0.1uF
1
2
C10
0.22uF
1
2
PGOOD1
R7
1.5M
L1
3.3uH
1.5V @ 3A
+5V
Q1A
FDS6982S
7
8
1
FBK1
R6
7.68k
1
2
R8
6.19k
Q2
Si4818DY
3
8
R4
20k
1
2
R2
470k
1
2
R10
10k
1
2
C5
0.1uF/25V
1
2
PGOOD2
Q1B
FDS6982S
5
6
3
C7
150uF POSCAP
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com