Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-510P-R01E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-510P-R01E
Description  10.1' Ubiquitous Touch Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-510P-R01E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-510P-R01E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-510P-R01E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
UTC-510
Dimensions
Unit: mm
Fully- Integrated I/O
A. USB 2.0* (DC version only)
B. Headset
C. COM1
D. COM2
E. USB 3.0* (DC version only)
F. HDMI
* UTC-510 (PoE) – A PoE Powered Device (PD) is a device powered by a PSE and thus
consumes energy.
Please do take a Power sourcing equipment (PSE) which follows IEEE 802.3at PoE standard,
also known as PoE+ or PoE plus, provides up to 30W of DC power output. Only 25.5 W input
is assured to be available at the powered device as some power dissipates in the cable.
For Standard UTC-510 PoE Version, 1 x USB 2.0 (A port) and 1 x USB 3.0 (E port) are not
suggested to use.
The customer can change the configuration only when total power input is under 25.5 W.
G. LAN Ports
H. USB 2.0 x 2
I. LAN/PoE Ports
J. DC Power jack
K. Power switch
A B
C
D
E
H
I
J K
F
G
Ordering Information
Part No.
Description
UTC-510DP-APB0E
10.1" Intel Celeron N2807 Based fanless UTC with
PCT.T/S 2GB RAM, PoE
UTC-510DP-APB1E
10.1" Intel Celeron J1900 Based fanless UTC with
PCT.T/S 2GB RAM, PoE
1700001524
Power Cord 3P UL 10A 125V 180cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
170203183C
POWER Cord 3P Europe (WS-010+WS-083)183cm
1700021374-01
Power Cord 3P CCC 2.5A 250V 250cm (IEC60320-C5)
1960073820N001
IO Cover UTC-510
1931031500
Screws for IO Cover UTC-510(*2)
Peripherals for UTC-510 series
Part No.
Description
UTC-510P-R01E
RFID Reader For UTC-510 (USB connection)
UTC-510P-B01E
1D Barcode Scanner for UTC-510 (USB connection)
UTC-510P-B02E
2D Barcode Scanner for UTC-510 (USB connection)
UTC-510P-M01E
Magnet Strip Reader For UTC-510 (USB connection)
Installation Accessory
Part No.
Description
UTC-WALL-MOUNT1E
Wall Mount kit for UTC-520/515/510
UTC-WALL-MOUNT4E
UTC-510 VESA mount (75 x 75)
UTC-S03-STANDE
UTC 75*75 mm Desktop Stand
UTC-510-STAND0E
UTC-510 desktop stand
1960074091N000
UTC-510 Panel Mount Clamper (*4)
1930005598
UTC-510 Panel Mount Screw (*4)
75x75 VESA M4 screw hole
7mm depth
75x75 VESA M4 screw hole
7mm depth
252.0
265.4
40.1
27.3
75.0
75.0
40.1
5.4
260.4
252.0
253
Cut out



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com