Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-510P-R01E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-510P-R01E
Description  10.1' Ubiquitous Touch Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-510P-R01E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-510P-R01E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-510P-R01E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Interactive Self-service Terminals
Features
UTC-510
10.1" Ubiquitous Touch Computer
UTC-510D with Intel® Bay Trail N2807 /
J1900
ƒ Low Power & Fanless design
ƒ Built-in Intel® Bay Trail N2807 / J1900 (UTC-510D)
ƒ Providing Natural Viewing Experience with 16:10 10.1" Display
ƒ Front panel complies with IP65 protection standard
ƒ Landscape & Portrait screen mode support by different applications
ƒ VESA 75 mm standard mounting holes for varied mounting demands
ƒ Detachable plastic frame design for panel mount applications
ƒ POE supported on Bay Trail N2807/J1900 platform
Introduction
UTC-510 features an all-in-one computing system equipped with wide format, touch based LCD panel. It is easy to integrate key peripherals and display systems for diversified
self-service and interactive signage deploy in different application areas. The systems deliver updated information with well-designed interactive interfaces, fully ensure relevant content
and targeted promotions are delivered. UTC series touch panel computers are the best investments to enhance user satisfaction, further brand equity, and maximize business profits.
Specifications
Processor System
CPU
Intel® Celeron N2807 (UTC-510D)
Intel® Celeron J1900 (UTC-510D)
Base Frequency
1.58 GHz (Dual-Core)
2 GHz (Quad-Core)
Cache
L2 Cache 1MB
L2 Cache 2MB
Memory
1 x SO-DIMM DDR3L 1333 MHz up to 8 GB
1 x SO-DIMM DDR3L 1333 MHz up to 8 GB
HDD
1 x 2.5 internal SATA HDD bay
Network (LAN)
2 x Gigabit Ethernet ports (Supports Wake on LAN)
I/O ports
2 x RS-232 COM (COM2 RS-422/485 supported)*
3 x USB 2.0 / 1 x USB 3.0 / 1 x USB 2.0 (optional)
2 x Gigabit Ethernet ports (1 with POE)
Headphone with MIC x1
Stereo Speaker
2 W x 2
Bus expansion
1 Full size MiniPCIe/mSATA
1 Half size MiniPCIe
Mounting
VESA 75 x 75 mm
Dimensions (W x H x D)
265.40 x 182.40 x 39.55 mm
Weight
1.80 kg (3.97 lbs)
OS Support
Windows Embedded 7, Windows Embedded 8, Window 10 IoT Enterprise, Linux Ubuntu 14.04, Android 4.4.2
Environmental
Specifications
Operating Temperature
0 ~ 45° C (32 ~ 113° F)
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Vibration
1G*
Shock
5G peak acceleration (11 msec. duration)
Certification
CE, FCC, CB, UL, CCC, BSMI
Front Panel Protection
IP 65 Compliant
Power Supply
POE
IEEE 802.3at/30W
DC Input Rating
Optional (12 V/3 A ~ 24 V/1.5 A, 36W ITE Adapter)
Power consumption
Typical 10W
Max. 20W
LCD Display
Size/Type
10.1" TFT LCD with LED backlight
Max.Resolution
1280 x 800
Max. Color
16.7M
Pixel Pitch (um)
169.5 x 169.5
Brightness (cd/m2)
350
View Angle
170 / 170
Camera
5 Mega Pixel (Optional)
Touch Screen Option
(PE/GE)
Type
Projected Capacitive. Glass Panel
Light Transmission
80% ± 5% / 90%
Controller
USB Interface / -
Preliminary
(PoE)
All product specifications are subject to change without notice, * identify as optional function
Last updated : 13-Dec-2016


Similar Part No. - UTC-510P-R01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-510P-B ADVANTECH-UTC-510P-B Datasheet
417Kb / 1P
Barcode Reader for UTC-510 Series
15-Apr-2016
UTC-510P-F ADVANTECH-UTC-510P-F Datasheet
408Kb / 1P
Fingerprint Module for UTC-500 Series
26-Dec-2017
UTC-510P-F01E ADVANTECH-UTC-510P-F01E Datasheet
409Kb / 1P
Fingerprint Module for UTC-500 Series
26-Dec-2017
UTC-510P-F01E ADVANTECH-UTC-510P-F01E Datasheet
419Kb / 2P
Fingerprint Module for UTC-500 Series
26-Dec-2017
UTC-510P-F01E ADVANTECH-UTC-510P-F01E Datasheet
408Kb / 1P
Fingerprint Module for UTC-500 Series
26-Dec-2017
More results

Similar Description - UTC-510P-R01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-W101B-ABI0E ADVANTECH-UTC-W101B-ABI0E Datasheet
502Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
UTC-W101B-ABI0E ADVANTECH-UTC-W101B-ABI0E Datasheet
620Kb / 2P
10.1" Ubiquitous Touch Computer with Intel짰 Atom??Cedar Trail Processor
UTC-W101B ADVANTECH-UTC-W101B Datasheet
536Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-532 ADVANTECH-UTC-532_16 Datasheet
555Kb / 2P
32' Ubiquitous Touch Computer
UTC-510 ADVANTECH-UTC-510_V01 Datasheet
457Kb / 2P
10.1 Ubiquitous Touch Computer
23-Mar-2018
UTC-320 ADVANTECH-UTC-320 Datasheet
473Kb / 2P
21.5 Ubiquitous Touch Computer
15-Feb-2019
UTC-315 ADVANTECH-UTC-315_V01 Datasheet
914Kb / 4P
15.6" Ubiquitous Touch Computer
6-Jul-2023
UTC-318 ADVANTECH-UTC-318_V01 Datasheet
1Mb / 4P
18.5" Ubiquitous Touch Computer
6-Jul-2023
UTC-520 ADVANTECH-UTC-520_V02 Datasheet
737Kb / 4P
21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520_V04 Datasheet
913Kb / 4P
21.5" Ubiquitous Touch Computer
7-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com