Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCQEB75 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCQEB75
Description  2:1 Input Voltage Ranges
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB75 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCQEB75 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev E
DCQEB75 Series
75W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/09/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: DCQEB75 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
24VDC nominal input models
18
Start-up Voltage
48VDC nominal input models
36
VDC
24VDC nominal input models
15
Shutdown Voltage
48VDC nominal input models
32
VDC
24VDC nominal input models
50
Input Surge Voltage
48VDC nominal input models
100ms
100
VDC
Input Current
See Table
Input Filter
L-C Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Load Regulation
No load to full load
-0.3
+0.3
%
Voltage Accuracy
-1.5
+1.5
%
Voltage Adjustability (See Note 5)
-20
+10
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise
Measured at nominal input and full load with 20MHz BW and
1µF M/C and 10µF T/C capacitors in parallel.
100
mVp-p
Transient Response Recovery Time
25% load step change
200
µs
Power Up
25
ms
Start-Up Time
Remote ON/OFF
Nominal input and constant resistive load
25
ms
Remote Sense (See Note 5)
10
% Vo
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection Threshold
Non-latching Hiccup
120
% Vo
Over Current Protection Threshold
110
140
% Io
Short Circuit Protection
Hiccup, automatic recovery
Over Temperature Protection
+110
°C
GENERAL SPECIFICATIONS
Efficiency
Nominal input and full load
See Table
Switching Frequency
243
270
297
KHz
Input to Output
For 1 minute
1600
VDC
Input to Base-plate
For 1 minute
1000
VDC
Isolation Voltage
Output to Base-plate
For 1 minute
1000
VDC
Isolation Resistance
10
MΩ
Isolation Capacitance
2500
pF
REMOTE ON/OFF (See Note 6)
DC/DC ON
Open or 3V < Vr < 15V
Positive Logic (standard)
DC/DC OFF
Short or 0V < Vr < 1.2V
DC/DC ON
Short or 0V < Vr < 1.2V
Negative Logic (optional)
DC/DC OFF
Open or 3V < Vr < 15V
Input Current of Remote Control Pin
Nominal input
-0.5
1
mA
Remote Off Input Current
Nominal input
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Base-Plate Temperature (See Note 7)
-40
+100
°C
Storage Temperature
-55
+125
°C
Relative Humidity
Non-condensing
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
BELLCORE TR-NWT-000332
2,500,000
Hours
MTBF (See Note 1)
MIL-HDBK-217F
442,200
Hours
PHYSICAL SPECIFICATIONS
Weight
1.46oz (42g)
Dimensions (L x W x H)
2.28 x 1.45 x 0.50 inches (57.9 x 36.8 x 12.7 mm)
Case Material
Aluminum base-plate
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1, IEC60950-1, EN60950-1
(DCQEB75-48S1.8, 48S2.5, 48S3.3, and 48S05 have approvals; approvals pending for all other models)
EMI (See Note 8)
EN55022
Class A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 9)
EN61000-4-4
±2KV
Perf. Criteria B
Surge (See Note 9)
EN61000-4-5
±1KV
Perf. Criteria B
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com