Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCQEB75 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCQEB75
Description  2:1 Input Voltage Ranges
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB75 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCQEB75 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB75 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev E
DCQEB75 Series
75W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/09/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 80% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Maximum output deviation is +10% inclusive of trim. If remote sense is not being used the +SENSE should be connected to its corresponding
+OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
6. The remote ON/OFF control pin voltage is referenced to –INPUT. To order negative logic Remote ON/OFF control add the suffix “R” to the
model number (Ex: DCQEB75-48S05R).
7. Heatsink is optional and P/N: 7G-0029A-F, 7G-0030A-F, 7G-0031A-F, and 7G-0032A-F.
8. The DCQEB75 series meets EN55022 Class A and Class B only with external components added before the input pins to the converter.
9. An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. We recommend Nippon chemi-con KY series,
220µF/100V, ESR 48mΩ.
10. BASE-PLATE GROUNDING: EMI can be reduced when you connect the four screw bolts to the shield plane.
11. The converter is provided with basic insulation.
12. Safety Approvals: DCQEB75-48S1.8, 48S2.5, 48S3.3, and 48S05 have safety approvals; approvals pending for all other models.
13. This series comes with several different options: Negative remote ON/OFF control, pin lengths, thru-hole inserts, and heatsinks.
CAUTION: The power module is not internally fused. An input line fuse must always be used.
DERATING
-40
-20
0
20
40
60
80
100
120
24
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
120
100
80
60
40
20
0
Ambient Temperature (°C)
DCQEB75-48S05 Derating Curve
0 LFM
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
120
100
80
60
40
20
0
Ambient Temperature (°C)
DCQEB75-48S05 Derating Curve
With Heatsink 7G-0029A-F
-40
-20
0
20
40
60
80
100
120
34
MODEL SELECTION TABLE
Output Current
Input Current
Model Number
(12)
Input Voltage
Range
Output
Voltage
Min. load
Full load
Ripple & Noise
(4)
No Load
(3)
Full Load
(2)
Output Power
Efficiency
(4)
DCQEB75-24S3.3
3.3 VDC
0mA
20A
100mVp-p
65mA
3198mA
66W
89%
DCQEB75-24S05
5 VDC
0mA
15A
100mVp-p
110mA
3634mA
75W
90%
DCQEB75-24S12
12 VDC
0mA
6.25A
100mVp-p
40mA
3662mA
75W
90%
DCQEB75-24S15
24VDC
(18 - 36 VDC)
15 VDC
0mA
5A
100mVp-p
50mA
3634mA
75W
90%
DCQEB75-48S1.8
1.8 VDC
0mA
25A
100mVp-p
60mA
1157mA
45W
85%
DCQEB75-48S2.5
2.5 VDC
0mA
25A
100mVp-p
50mA
1569mA
62.5W
87%
DCQEB75-48S3.3
3.3 VDC
0mA
20A
100mVp-p
70mA
1599mA
66W
90%
DCQEB75-48S05
5 VDC
0mA
15A
100mVp-p
80mA
1817mA
75W
90%
DCQEB75-48S12
12 VDC
0mA
6.25A
100mVp-p
50mA
1831mA
75W
90%
DCQEB75-48S15
48 VDC
(36 - 75 VDC)
15 VDC
0mA
5A
100mVp-p
50mA
1817mA
75W
90%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com