Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW484ART Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NFMW484ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW484ART Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NFMW484ART Datasheet HTML 6Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 7Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 8Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 9Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 10Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 11Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 12Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 13Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
NICHIA STS-DA1-4541B <Cat.No.170830>
9
CHROMATICITY DIAGRAM
5000K
5700K
6500K
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
x
黒体放射軌跡
Blackbody Locus
sm5050c
sm5750a
sm6550c
sm6550f
sm6550e
sm5050f
sm5050a
sm503
sm5050e
sm5050d
sm5750f
sm5750e
sm5750d
sm573
sm6550b
sm6550a
sm6550d
sm653
sm5750b
sm5750c
sm5050b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com