Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW484ART Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFMW484ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW484ART Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFMW484ART Datasheet HTML 1Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 2Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 3Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 4Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 5Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 6Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 7Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 8Page - NICHIA CORPORATION NFMW484ART Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
NICHIA STS-DA1-4541B <Cat.No.170830>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
Nr
IF=200mA
34.8
35.2
V
Ht
34.4
34.8
Hs
34.0
34.4
Hr
33.6
34.0
Mt
33.2
33.6
Ms
32.8
33.2
Mr
32.4
32.8
Lt
32.0
32.4
Ls
31.6
32.0
Lr
31.2
31.6
Kt
30.8
31.2
Ks
30.4
30.8
Luminous Flux
Pf0087
IF=200mA
870
1060
lm
Pf0086
860
1050
Pf0084
840
1020
Pf0083
830
1010
Pf0081
810
990
Pf0079
790
960
Pf0078
780
960
Pf0074
740
900
Pf0072
720
880
Pf0071
710
870
Pf0069
690
850
Pf0068
680
840
Pf0066
660
800
Pf0063
630
770
Pf0059
590
730
Color Rendering Index
R70
Ra
IF=200mA
70
-
-
R8000
Ra
80
-
R9
0
-
R9050
Ra
90
-
R9
50
-
Color Ranks(IF=200mA)
The color ranks have chromaticity ranges within 3-step MacAdam ellipse.
Rank
sm203
Rank
sm223
Rank
sm253
Rank
sm273
Rank
sm303
Rank
sm353
Color Temperature
(Unit: K)
TCP
2000
2200
2500
2700
3000
3500
Center Point
x
0.5270
0.5018
0.4806
0.4578
0.4338
0.4073
y
0.4130
0.4153
0.4141
0.4101
0.4030
0.3917
Minor Axis
a
0.003978
0.004002
0.004029
0.004056
0.004107
0.004098
Major Axis
b
0.007062
0.007206
0.007515
0.007872
0.008391
0.008796
Ellipse Rotation Angle
Φ
-43.56
-39.89
-37.58
-36.05
-36.00
-35.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com