Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LACPDP Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LACPDP
Description  SMD ceramic package with silicon resin with lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LACPDP Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LACPDP Datasheet HTML 12Page - OSRAM GmbH LACPDP Datasheet HTML 13Page - OSRAM GmbH LACPDP Datasheet HTML 14Page - OSRAM GmbH LACPDP Datasheet HTML 15Page - OSRAM GmbH LACPDP Datasheet HTML 16Page - OSRAM GmbH LACPDP Datasheet HTML 17Page - OSRAM GmbH LACPDP Datasheet HTML 18Page - OSRAM GmbH LACPDP Datasheet HTML 19Page - OSRAM GmbH LACPDP Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2011-03-21
16
Released
LA CPDP, LR CPDP, LY CPDP
Lötbedingungen
Vorbehandlung nach JEDEC Level 2
Soldering Conditions
Preconditioning acc. to JEDEC Level 2
Reflow Lötprofil für bleifreies Löten
(nach J-STD-020D.01)
Reflow Soldering Profile for lead free soldering
(acc. to J-STD-020D.01)
Profile Feature
Pb-Free (SnAgCu) Assembly
Recommendation
Max. Ratings
Ramp-up Rate to Preheat*
)
25°C to 150°C
2 °C / s
3 °C / s
Time t
s from TSmin to TSmax
(150°C to 200°C
100 s
min. 60 s max. 120 s
Ramp-up Rate to Peak*
)
180°C to T
P
2 °C / s
3 °C / s
Liquidus Temperature T
L
217°C
Time t
L above TL
80 s
max. 100 s
Peak Temperature T
P
245 °C
max. 260 °C
Time t
P within 5°C of the specified
peak temperature T
P - 5K
20 s
min. 10 s max. 30 s
Ramp-down Rate*
T
P to 100°C
3 K / s
6 K / s maximum
Time 25°C to Peak temperature
max. 8 min.
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation
ΔT/Δt: Δt max. 5 sec; fulfillment for the whole T-range
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com