Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW5AM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LTW5AM
Description  white SMD package, clear silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTW5AM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LTW5AM Datasheet HTML 7Page - OSRAM GmbH LTW5AM Datasheet HTML 8Page - OSRAM GmbH LTW5AM Datasheet HTML 9Page - OSRAM GmbH LTW5AM Datasheet HTML 10Page - OSRAM GmbH LTW5AM Datasheet HTML 11Page - OSRAM GmbH LTW5AM Datasheet HTML 12Page - OSRAM GmbH LTW5AM Datasheet HTML 13Page - OSRAM GmbH LTW5AM Datasheet HTML 14Page - OSRAM GmbH LTW5AM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Released
LD W5AM, LB W5AM, LT W5AM
2010-08-26
11
Relative Vorwärtsspannung
2)4) Seite 22
Relative Forward Voltage
2)4) page 22
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA;
blue, deep blue
Relative Vorwärtsspannung
2)4) Seite 22
Relative Forward Voltage
2)4) page 22
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA;
true green
-40
-0.3
˚C
T
j
OHL04428
V
F
V
Δ
-20
0
20 40 60 80
120
-0.2
-0.1
0
0.1
0.2
0.3
-40
-0.4
˚C
T
j
OHL04438
V
F
V
Δ
-20
0
20 40 60 80
120
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com