Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW5AP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LDW5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AP Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LDW5AP Datasheet HTML 2Page - OSRAM GmbH LDW5AP Datasheet HTML 3Page - OSRAM GmbH LDW5AP Datasheet HTML 4Page - OSRAM GmbH LDW5AP Datasheet HTML 5Page - OSRAM GmbH LDW5AP Datasheet HTML 6Page - OSRAM GmbH LDW5AP Datasheet HTML 7Page - OSRAM GmbH LDW5AP Datasheet HTML 8Page - OSRAM GmbH LDW5AP Datasheet HTML 9Page - OSRAM GmbH LDW5AP Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2008-08-08
6
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
Wellenlängengruppen (Dominantwellenlänge)
3) Seite 19
Wavelength Groups (Dominant Wavelength)
3) page 19
Gruppe
Group
deep blue
blue
true green
Einheit
Unit
max.
max.
min.
min.
min.
max.
2
459
464
513
519
nm
3
449
453
464
468
519
525
nm
4
453
457
468
472
525
531
nm
5
457
461
472
476
531
537
nm
6
537
543
nm
Helligkeits-Gruppierungsschema (tief blau)
Brightness Groups (deep blue)
Helligkeitsgruppe
Brightness Group
Strahlungsleistung
1) Seite 19
Radiant Power
1) page 19
Φ
E (mW)
3V
4V
5A
6A
7A
8A
900 …
1.000
1.000 …
1.120
1.120 …
1.250
1.250 …
1.400
1.400 …
1.590
1.590 …
1.800
Anm.:
Die
Standardlieferform
von
Serientypen
beinhaltet
eine
Familiengruppe.
Diese
besteht
aus
6 Helligkeitsgruppen.
Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note:
The standard shipping format for serial types includes a family group of 6 individual brightness groups.
Individual brightness groups cannot be ordered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com