Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW5AP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LDW5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5AP Datasheet(HTML) 4 Page - OSRAM GmbH

  LDW5AP Datasheet HTML 1Page - OSRAM GmbH LDW5AP Datasheet HTML 2Page - OSRAM GmbH LDW5AP Datasheet HTML 3Page - OSRAM GmbH LDW5AP Datasheet HTML 4Page - OSRAM GmbH LDW5AP Datasheet HTML 5Page - OSRAM GmbH LDW5AP Datasheet HTML 6Page - OSRAM GmbH LDW5AP Datasheet HTML 7Page - OSRAM GmbH LDW5AP Datasheet HTML 8Page - OSRAM GmbH LDW5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2008-08-08
4
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Werte
Values
Einheit
Unit
LD, LB
LT
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 150
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 150
°C
Sperrschichttemperatur
Junction temperature
T
j
160
°C
Sperrschichttemperatur
Junction temperature
T
j
175 fort short term
applications
°C
Durchlassstrom
(min.)
Forward current
(max.)
(
T
A=25°C)
I
F
I
F
0.2
2.0
0.3
2.0
A
A
Stoßstrom
Surge current
t
10 μs, D = 0.005, T
A=25°C
I
FM
4.0
A
Sperrspannung
Reverse voltage
(
T
A=25°C)
V
R
not designed for
reverse operation
V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
10
W
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
(max.)
Junction/solder point
(typ.)
R
th JS
R
th JS
5
2.5
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com