Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW5AP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTW5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTW5AP Datasheet(HTML) 5 Page - OSRAM GmbH

  LTW5AP Datasheet HTML 1Page - OSRAM GmbH LTW5AP Datasheet HTML 2Page - OSRAM GmbH LTW5AP Datasheet HTML 3Page - OSRAM GmbH LTW5AP Datasheet HTML 4Page - OSRAM GmbH LTW5AP Datasheet HTML 5Page - OSRAM GmbH LTW5AP Datasheet HTML 6Page - OSRAM GmbH LTW5AP Datasheet HTML 7Page - OSRAM GmbH LTW5AP Datasheet HTML 8Page - OSRAM GmbH LTW5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
2008-08-08
5
* Einzelgruppen siehe Seite 5
Individual groups on page 5
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LD
LB
LT
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 1,4 A
λ
peak
449
465
520
nm
Dominantwellenlänge
3) Seite 19
(min.)
Dominant wavelength
3) page 19
(typ.)
I
F = 1,4 A
(max.)
λ
dom
449
455*
461
464
470*
476
513
528*
543
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
(typ.)
Spectral bandwidth at 50 %
Φ
rel max
I
F = 1,4 A
Δλ
25
25
33
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
140
140
140
Grad
deg.
Durchlassspannung
4) Seite 19
(min.)
Forward voltage
4) page 19
(typ.)
I
F = 1,4 A
(max.)
V
F
V
F
V
F
2.9
3.5
4.3
2.9
3.5
4.3
2.9
3.5
4.3
V
V
V
Sperrstrom
Reverse current
I
R
not designed for
reverse operation
μA
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 1,4 A; 25°C ≤ T ≤ 125°C
TCλdom
0.04
0.04
0.04
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 1,4 A; 25°C ≤ T ≤ 125°C
TC
V
-4.0
-4.0
-4.0
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 1,4 A
η
opt
28 %
14
lm/W
32
lm/W
%
lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com