Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5KM Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LBW5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5KM Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LBW5KM Datasheet HTML 9Page - OSRAM GmbH LBW5KM Datasheet HTML 10Page - OSRAM GmbH LBW5KM Datasheet HTML 11Page - OSRAM GmbH LBW5KM Datasheet HTML 12Page - OSRAM GmbH LBW5KM Datasheet HTML 13Page - OSRAM GmbH LBW5KM Datasheet HTML 14Page - OSRAM GmbH LBW5KM Datasheet HTML 15Page - OSRAM GmbH LBW5KM Datasheet HTML 16Page - OSRAM GmbH LBW5KM Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Nicht für Neuentwicklungen / Not for New Designs
LB W5KM, LD W5KM,
2009-11-13
13
Maßzeichnung
8) Seite 18
Package Outlines
8) page 18
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.35 g
Gurtung / Polarität und Lage
8) Seite 18
Verpackungseinheit 200/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 18
Packing unit 200/reel, ø180 mm
Anm.: Das Gehäuse ist für Ultraschallreinigung nicht geeignet
Note: Package not suitalbe for ultra sonic cleaning
GPLY6707
0...0.1 (0.004)
(1.5 (0.059))
4.0 (0.157)
3.6 (0.142)
9.6 (0.378)
9.2 (0.362)
Cathode Marking
1.9 (0.075)
1.7 (0.067)
4.1 (0.161)
4.5 (0.177)
(0.25 (0.010))
C
Heat sink
Protection
Diode
A
OHAY2551
1.55 (0.061)
2 (0.079)
4 (0.157)
16 (0.629)
0.35 (0.013)
4.2 (0.165)
4.5 (0.177)
±0.05 (0.002)
±0.1 (0.004)
±0.1 (0.004)
±0.1 (0.004)
±0.1 (0.004)
±0.05 (0.002)
Cathode/Collector Side
±0.1 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com