Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBQ9WM Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LEBQ9WM
Description  compact lightsource in SMT technology with glass window on top
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBQ9WM Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LEBQ9WM Datasheet HTML 9Page - OSRAM GmbH LEBQ9WM Datasheet HTML 10Page - OSRAM GmbH LEBQ9WM Datasheet HTML 11Page - OSRAM GmbH LEBQ9WM Datasheet HTML 12Page - OSRAM GmbH LEBQ9WM Datasheet HTML 13Page - OSRAM GmbH LEBQ9WM Datasheet HTML 14Page - OSRAM GmbH LEBQ9WM Datasheet HTML 15Page - OSRAM GmbH LEBQ9WM Datasheet HTML 16Page - OSRAM GmbH LEBQ9WM Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Discontinued
LE B Q9WM
2017-09-15
13
Note:
Exposed Copper MCPCB must not exceed
thickness of 1mm
For superior solder joint connectivity results we
recommend soldering under standard nitrogen
atmosphere.
Package not suitable for any kind of wet cleaning
or ultrasonic cleaning.
Anm.:
Die Dicke des exposed Copper - MCPCB darf
1mm nicht überschreiten.
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter Standard-
Stickstoffatmosphäre zu löten.
Das Gehäuse ist für alle Arten einer
nasschemischen Reinigung und
Ultraschallreinigung nicht geeignet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com