Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBQ9WM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEBQ9WM
Description  compact lightsource in SMT technology with glass window on top
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBQ9WM Datasheet(HTML) 5 Page - OSRAM GmbH

  LEBQ9WM Datasheet HTML 1Page - OSRAM GmbH LEBQ9WM Datasheet HTML 2Page - OSRAM GmbH LEBQ9WM Datasheet HTML 3Page - OSRAM GmbH LEBQ9WM Datasheet HTML 4Page - OSRAM GmbH LEBQ9WM Datasheet HTML 5Page - OSRAM GmbH LEBQ9WM Datasheet HTML 6Page - OSRAM GmbH LEBQ9WM Datasheet HTML 7Page - OSRAM GmbH LEBQ9WM Datasheet HTML 8Page - OSRAM GmbH LEBQ9WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Discontinued
LE B Q9WM
2017-09-15
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 21
Dominant Wellenlängengruppen 2) Seite 21
Group
Radiant Power 1) page 21
Radiant Power 1) page 21
Gruppe
Strahlungsleistung 1) Seite 21
Strahlungsleistung 1) Seite 21
(min.) Φ
E [mW]
(max.) Φ
E [mW]
4S
250
280
1T
280
315
2T
315
355
3T
355
400
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
454
458
3
458
462
4
462
466
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com