Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWD1W101 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LEUWD1W101
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W101 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LEUWD1W101 Datasheet HTML 9Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 10Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 11Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 12Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 13Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 14Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 15Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 16Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Version 1.2
LE UW D1W1 01
2013-05-28
13
Tray
Bauteilträger
60 pcs. per tray
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com