Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWD1W101 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEUWD1W101
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W101 Datasheet(HTML) 5 Page - OSRAM GmbH

  LEUWD1W101 Datasheet HTML 1Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 2Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 3Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 4Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 5Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 6Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Version 1.2
LE UW D1W1 01
2013-05-28
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 17
Luminous Flux
1) page 17
Luminous Intensity
5) page 17
Gruppe
Lichtstrom 1)Seite 17
Lichtstrom 1) Seite 17
Lichtstärke 5) Seite 17
(min.) V [lm]
(max.) V [lm]
(typ.) IV [cd]
5L
112
125
40
6L
125
140
45
7L
140
159
50
8L
159
180
55
5M
180
201
65
6M
201
224
70
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com