Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCP7P Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LHCP7P
Description  SMD ceramic package with silicon resin with lens
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHCP7P Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LHCP7P Datasheet HTML 2Page - OSRAM GmbH LHCP7P Datasheet HTML 3Page - OSRAM GmbH LHCP7P Datasheet HTML 4Page - OSRAM GmbH LHCP7P Datasheet HTML 5Page - OSRAM GmbH LHCP7P Datasheet HTML 6Page - OSRAM GmbH LHCP7P Datasheet HTML 7Page - OSRAM GmbH LHCP7P Datasheet HTML 8Page - OSRAM GmbH LHCP7P Datasheet HTML 9Page - OSRAM GmbH LHCP7P Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2011-03-21
6
Released
LH CP7P
Relative spektrale Emission
2) Seite 17
Relative Spectral Emission
2) page 17
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Φ
rel = f (λ); TS = 25 °C; IF = 400 mA
Abstrahlcharakteristik
2) Seite 17
Radiation Characteristic
2) page 17
Ι
rel = f (ϕ); TS = 25°C
0
400
40
20
500
600
%
80
60
rel
Φ
100
Vλ
700
nm
λ
800
OHL04492
OHL04325
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com