Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCP7P Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LHCP7P
Description  SMD ceramic package with silicon resin with lens
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHCP7P Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LHCP7P Datasheet HTML 9Page - OSRAM GmbH LHCP7P Datasheet HTML 10Page - OSRAM GmbH LHCP7P Datasheet HTML 11Page - OSRAM GmbH LHCP7P Datasheet HTML 12Page - OSRAM GmbH LHCP7P Datasheet HTML 13Page - OSRAM GmbH LHCP7P Datasheet HTML 14Page - OSRAM GmbH LHCP7P Datasheet HTML 15Page - OSRAM GmbH LHCP7P Datasheet HTML 16Page - OSRAM GmbH LHCP7P Datasheet HTML 17Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
2011-03-21
16
Released
LH CP7P
Wegen der Streichung der LED aus der IEC 60825 erfolgt die Bewertung der Augensicherheit nach dem Standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems")
Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt angegebenen LED die "exempt risk"-
Gruppe (die die sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 10000 s bezieht). Unter realen
Umständen (für Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei
Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes sekundäres
Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch, können
temporär eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen, Belästigungen,
Beeinträchtigungen oder sogar Unfällen führen.
Due to the cancellation of the LED from IEC 60825, the evaluation of eye safety occurs according to the standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems").
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "exempt risk" group
(relating to devices in the visible spectrum with an exposure time of 10000 s). Under real circumstances (for exposure
time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices.
As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure
potential due to their blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary
reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
6) page 17 may only be used in life-support devices or systems´7) page 17 with the express written approval of
OSRAM OS.
Revision History: 2011-03-21
Previous Version:
2010-10-28
Page
Subjects (changes since last revision)
Date of change
all
Preliminary Datasheet created
2010-06-11
16
eye safety information corrected
2010-08-03
1
Typical Luminous Flux, optical efficiency updated
2010-08-19
16
eye safety information updated
2010-08-31
16
eye safety information corrected
2010-09-09
all
Final datasheet created
2010-10-28
1, 14
Taping corrected
2011-03-21
9
Max. Permissible Forward Current updated
2011-03-21
12
Note added
2011-03-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com