Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCPDP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LHCPDP
Description  SMD ceramic package with silicon resin with lens
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHCPDP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LHCPDP Datasheet HTML 3Page - OSRAM GmbH LHCPDP Datasheet HTML 4Page - OSRAM GmbH LHCPDP Datasheet HTML 5Page - OSRAM GmbH LHCPDP Datasheet HTML 6Page - OSRAM GmbH LHCPDP Datasheet HTML 7Page - OSRAM GmbH LHCPDP Datasheet HTML 8Page - OSRAM GmbH LHCPDP Datasheet HTML 9Page - OSRAM GmbH LHCPDP Datasheet HTML 10Page - OSRAM GmbH LHCPDP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Released
LH CPDP
2011-03-21
7
Durchlassstrom
2) Seite 17
Forward Current
2) page 17
I
F = f (VF); TS = 25 °C
Relative Strahlungsleistung
2) Seite 17
Relative Radiant Power
2) page 17
Φ
E/ΦE(400 mA) = f (IF); TS = 25 °C
OHL04584
F
I
V
mA
1.6
F
V
1.8
2.0
2.2
2.4
2.6
2.8
200
400
600
800
1000
OHL04397
I
F
100
0
mA
0.5
1.0
1.5
2.0
2.5
E
Φ
E (
Φ
)
I
F
300
500
700
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com