Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRW5KM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LRW5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5KM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LRW5KM Datasheet HTML 5Page - OSRAM GmbH LRW5KM Datasheet HTML 6Page - OSRAM GmbH LRW5KM Datasheet HTML 7Page - OSRAM GmbH LRW5KM Datasheet HTML 8Page - OSRAM GmbH LRW5KM Datasheet HTML 9Page - OSRAM GmbH LRW5KM Datasheet HTML 10Page - OSRAM GmbH LRW5KM Datasheet HTML 11Page - OSRAM GmbH LRW5KM Datasheet HTML 12Page - OSRAM GmbH LRW5KM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Released
LR W5KM, LY W5KM
2009-11-13
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 55 °C
0
0˚C
T
IF
mA
OHL03437
20
40
60
80
100
S
50
100
150
200
250
300
350
450
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03442
T
t
P
IF
0.5
1.0
1.5
2.0
2.5
0.033
Exemplarische median Lebensdauer für
mittlere Helligkeitsgruppe
2) Seite 15
Exemplary median Lifetime
2) page 15
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 200 mA
T
S = 25°C
>50.000
Betriebsstunden
operating hours
I
F = 350 mA
T
S = 85°C
50.000
Betriebsstunden
operating hours
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03443
T
t
P
IF
0.5
1.0
1.5
2.0
2.5
0.033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com