Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4431GL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ4431GL
Description  36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4431GL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ4431GL Datasheet HTML 17Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 18Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 19Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 20Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 21Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 22Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 23Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 24Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MPQ4431
– 36V, 1A, LOW IQ, SYNC, STEP-DOWN CONVERTER, AEC-Q100
PRELIMINARY SPEC
MPQ4431 Rev. 1.0
www.MonolithicPower.com
21
3/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
For simplification, the output voltage ripple can
be estimated with Equation (8):
 
 
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
(8)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (9):
 
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
(9)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MPQ4431 can be optimized for a wide range of
capacitance and ESR values.
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For higher efficiency, choose an inductor with a
lower DC resistance. A larger-value inductor
results in less ripple current and a lower output
ripple voltage, but also has a larger physical
size,
higher
series
resistance,
and
lower
saturation current. A good rule for determining
the inductor value is to allow the inductor ripple
current
to
be
approximately
30%
of
the
maximum load current. The inductance value
can then be calculated with Equation (10):
 

OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
(10)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose the inductor ripple current to be
approximately 30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (11):
 
OUT
OUT
LP
LOAD
SW
IN
VV
I
I
(1
)
2f
L
V
(11)
VIN UVLO Setting
The MPQ4431 has an internal, fixed, under-
voltage lockout (UVLO) threshold. The rising
threshold is 2.8V, while the falling threshold is
about 2.65V. For applications that need a
higher UVLO point, an external resistor divider
between VIN and EN can be used to achieve a
higher equivalent UVLO threshold (see Figure
6).
Figure 6: Adjustable UVLO Using EN Divider
The UVLO threshold can be calculated with
Equation (12) and Equation (13):
EN_RISING
DOWN
UP
RISING
V
R
R
(1
INUV
)
(12)
EN_FALLING
DOWN
UP
FALLING
V
R
R
(1
INUV
)
(13)
Where VEN_RISING is 1.05V, and VEN_FALLING is
0.93V.
External BST Diode and Resistor
An external BST diode can enhance the
efficiency of the regulator when the duty cycle is
high. A power supply between 2.5V and 5V can
be used to power the external bootstrap diode.
VCC or VOUT is recommended to be this power
supply in the circuit (see Figure 7).
CBST
COUT
L
BST
SW
External BST diode
IN4148
VCC / VOUT
VCC
VOUT
RBST
Figure 7: External Bootstrap Diode and Resistor
The recommended external BST diode is
IN4148, and the recommended BST capacitor
value is 0.1µF to 1μF. A resistor in series with
the BST capacitor (RBST) can reduce the SW
rising rate and voltage spikes. This helps
enhance EMI performance and reduce voltage
stress at a high VIN. A higher resistance is
better for SW spike reduction but compromises
efficiency. To make a tradeoff between EMI and
efficiency, a
≤20Ω RBST is recommended.
VIN
EN
VIN
RUP
RDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com