Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4431GL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4431GL
Description  36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4431GL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4431GL Datasheet HTML 9Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 10Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 11Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 12Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 13Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 14Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 15Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 16Page - Monolithic Power Systems MPQ4431GL Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MPQ4431
– 36V, 1A, LOW IQ, SYNC, STEP-DOWN CONVERTER, AEC-Q100
MPQ4431 Rev. 1.0
www.MonolithicPower.com
13
3/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
PHASE
Selectable in-phase or 180° out-of-phase of SYNC input. Drive PHASE high to be
in-phase. Drive PHASE low to be 180° out-of-phase.
2
VIN
Input supply. VIN supplies power to all of the internal control circuitries and the
power switch connected to SW. A decoupling capacitor to ground must be placed
close to VIN to minimize switching spikes.
3, 10
SW
Switch node. SW is the output of the internal power switch.
4, 9
PGND
Power ground. PGND is the reference ground of the power device and requires
careful consideration during PCB layout. For best results, connect PGND with copper
pours and vias.
5
EN
Enable. Pull EN below the specified threshold to shut the chip down. Pull EN above
the specified threshold to enable the chip.
6
SYNC
Synchronize. Apply a 350kHz to 2.5MHz clock signal to SYNC to synchronize the
internal oscillator frequency to the external clock. The external clock should be at
least 250kHz larger than the RFREQ set frequency. SYNC can also be used to select
forced continuous conduction mode (CCM) or advanced asynchronous mode (AAM).
Drive SYNC high before the chip starts up to choose forced CCM. Drive SYNC low or
leave SYNC floating to choose AAM.
7
PG
Power good indicator. The output of PG is an open drain and goes high if the output
voltage is within ±10% of the nominal voltage.
8
BIAS
External power supply for the internal regulator. Connect BIAS to an external
power supply (5V
≤ VBIAS ≤ 18V) to reduce power dissipation and increase efficiency.
Float BIAS or connect BIAS to ground if not used.
11
BST
Bootstrap. BST is the positive power supply for the high-side MOSFET driver
connected to SW. Connect a bypass capacitor between BST and SW.
12
VCC
Internal bias supply. VCC supplies power to the internal control circuit and gate
drivers. A
≥1µF decoupling capacitor to ground is required close to VCC.
13
AGND
Analog ground. AGND is the reference ground of the logic circuit.
14
SS
Soft-start input. Place an external capacitor from SS to AGND to set the soft-start
period. The MPQ4431 sources 10µA from SS to the soft-start capacitor during start-
up. As the SS voltage rises, the feedback threshold voltage increases to limit inrush
current during start-up.
15
FB
Feedback input. Connect FB to the tap of an external resistor divider from the output
to AGND to set the output voltage. The feedback threshold voltage is 0.8V. Place the
resistor divider as close to FB as possible. Avoid placing vias on the FB traces.
16
FREQ
Switching frequency program. Connect a resistor from FREQ to ground to set the
switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com