Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8616 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MPQ8616
Description  High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8616 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MPQ8616 Datasheet HTML 21Page - Monolithic Power Systems MPQ8616 Datasheet HTML 22Page - Monolithic Power Systems MPQ8616 Datasheet HTML 23Page - Monolithic Power Systems MPQ8616 Datasheet HTML 24Page - Monolithic Power Systems MPQ8616 Datasheet HTML 25Page - Monolithic Power Systems MPQ8616 Datasheet HTML 26Page - Monolithic Power Systems MPQ8616 Datasheet HTML 27Page - Monolithic Power Systems MPQ8616 Datasheet HTML 28Page - Monolithic Power Systems MPQ8616 Datasheet HTML 29Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
MPQ8616, 6A/12A, 6V, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ8616 Rev. 1.11
www.MonolithicPower.com
28
3/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
LAYOUT RECOMMENDATION
1. Four-layer layout is strongly recommended to
achieve better thermal performance.
2. Place at least 9 vias (10/20mil hole/diameter
size) right beneath the IC to get best
decoupling effect.
3. Place
10
or
more
vias
(10/25mil
hole/diameter size) each for input and GND
copper next to the VIN and PGND pin to
improve the thermal performance.
4. A 22uF (1206/1210) input cap C1B is
required on bottom layer, right beneath the
VIN/PGND vias to get best input decoupling
effect.
5. If VIN/PGND vias is not allowed beneath the
IC, a 22uF input cap with 1206/1210 package
(C1C) is required on the Top layer as
Figure17, connecting to VIN and PGND
copper directly, within 2mm of the IC edge.
6. A solid PGND layer is required to place on
the first inner layer, right below the IC layer.
7. The high current paths (GND, IN, and SW)
should be placed very close to the device
with short, direct and wide traces.
8. VCC decoupling capacitor (C5) should be as
close to the VCC pin as possible, connect its
GND net to PGND copper.
9. Connect all AGND signals together to AGND
pin at first, then Kelvin connect AGND to
PGND near the VCC decoupling capacitor(C5)
GND pad on Top layer. Keep AGND trace
20mil or wider.
10. The external feedback resistors should be
placed next to the FB pin. Make sure that
there is no via on the FB trace and away from
the switching node SW.
11. Keep the BST voltage path (BST, C3, Rbst
and SW) as short as possible.
12. Keep the Vout sense trace away from noise
signal, such as SW, VIN, etc. Put the Vout
sense point to a stable, quiet output point
close to Vout cap.
Schematic for PCB Layout Guide Line
Figure 16—PCB LAYOUT
<2mm
C1C
<2mm
VIN
PGND
Figure 17—VIN Decouple Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com