Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ8616 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ8616
Description  High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8616 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ8616 Datasheet HTML 9Page - Monolithic Power Systems MPQ8616 Datasheet HTML 10Page - Monolithic Power Systems MPQ8616 Datasheet HTML 11Page - Monolithic Power Systems MPQ8616 Datasheet HTML 12Page - Monolithic Power Systems MPQ8616 Datasheet HTML 13Page - Monolithic Power Systems MPQ8616 Datasheet HTML 14Page - Monolithic Power Systems MPQ8616 Datasheet HTML 15Page - Monolithic Power Systems MPQ8616 Datasheet HTML 16Page - Monolithic Power Systems MPQ8616 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MPQ8616, 6A/12A, 6V, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ8616 Rev. 1.11
www.MonolithicPower.com
13
3/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
MPQ8616GL-12, VIN=5V, VOUT=1.2V, L=1.0µH, TA=+25°C, unless otherwise noted.
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
83
85
87
89
91
93
95
97
0 1 2 3 4 5 6 7 8 9 10 1112 13
85
87
89
91
93
95
97
1
02 3 4 5 6 7 8 9 10 11 12 13
87
88
89
90
91
92
93
94
95
96
97
0 1 2 3 4 5 6 7 8 9 10 1112 13
89
88
90
91
92
93
94
95
96
97
0 1 2 3 4 5 6 7 8 9 10 1112 13
92
93
94
95
96
97
98
99
100
0123 456789 10 111213
80
82
84
86
88
90
92
94
96
0123456 789 10 111213
80
82
84
86
88
90
92
94
96
98
0123 456789 10 111213
85
87
89
91
93
95
97
012 3456 789 10 111213
85
87
89
91
93
95
97
0 1 2 3 4 5 6 7 8 9 10 111213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com