Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC837 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC837
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC837 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
G52309-0, Rev 3.0
Page 1
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC837 is a monolithic 68x68 asynchronous crosspoint switch, designed to carry broadband data
streams. The non-blocking switch core is programmed through a triple-mode port interface that allows random
access programming of each input/output port. A high degree of signal integrity is maintained throughout the
chip via fully differential signal paths.
The crosspoint function is based on a multiplexer array architecture. Each data output is driven by a 68:1
multiplexer that can be programmed to one and only one of its 68 inputs. The signal path is unregistered and
fully asynchronous, so there are no restrictions on the phase, frequency, or signal pattern at each input.
Each high-speed output is a fully differential switched current driver with switchable on-die terminations
for maximum signal integrity. Data inputs are terminated on die through 100
Ω resistors between true and com-
plement inputs (see Input Termination section for further detail).
A triple-mode programming interface is provided that allows programming commands to be sent as serial
data or one of two forms of parallel data. The input-referred mode (burst mode) allows an input port to be routed
to all outputs in only 4 program cycles. Core programming can be random for each port address, or multiple
program assignments can be queued and issued simultaneously. The programming may be initialized to a
“straight-through” configuration (A0 to Y0, A1 to Y1, etc.) using the INITB pin.
An activity monitor is provided to allow in-system diagnostics. The activity monitor can observe any high-
speed input via an internal 69th multiplexer.
Unused channels may be powered down to allow efficient use of the switch in applications that require only
a subset of the channels. Power-down can be accomplished in hardware, via dedicated power pins for pairs of
input and output channels, or in software by programming individual unused outputs with a disable code.
VSC837 Block Diagram
• 68 Input by 68 Output Crosspoint Switch
• 3.2Gb/s NRZ Data Bandwidth
• 66MHz Multi-Mode Programming Port
• TTL/2.5V CMOS Control I/O (3.3V tolerant)
• Programmable On-Chip I/O Termination
• Input Signal Activity (ISA) Monitoring Function
• Integrated Signal Equalization (ISE) for
Deterministic Jitter Reduction
• Single 2.5V Supply
• Differential CML Output Driver
• 11W typ/14W max (low drive mode)
13W typ/16W max (high drive mode)
• Hard and Soft Power-Down for Unused Channels
• High Performance 37.5mm, 480 TBGA Package
2
2
2
2
A0
A67
Y0
Y67
µP
control


Similar Part No. - VSC837

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC830QZ VITESSE-VSC830QZ Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC834UB VITESSE-VSC834UB Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
34x34 Crosspoint Switch with Signal Detection
More results

Similar Description - VSC837

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC838 VITESSE-VSC838 Datasheet
296Kb / 20P
3.2Gb/s 36x37 Crosspoint Switch
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
3.6Gb/s 144x144 Asynchronous Crosspoint Switch
logo
Agilent(Hewlett-Packard...
HDMP-3268 HP-HDMP-3268 Datasheet
162Kb / 18P
3.2 Gbit/sec 68x68 Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
logo
Semtech Corporation
GX4002 SEMTECH-GX4002 Datasheet
3Mb / 74P
GX4002 2x2 14.025Gb/s Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com